Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDLL16ENTR Datasheet(PDF) 75 Page - STMicroelectronics

Part # LDLL16ENTR
Description  16-channel LED driver with automotive CAN FD light interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLL16ENTR Datasheet(HTML) 75 Page - STMicroelectronics

Back Button LDLL16ENTR Datasheet HTML 71Page - STMicroelectronics LDLL16ENTR Datasheet HTML 72Page - STMicroelectronics LDLL16ENTR Datasheet HTML 73Page - STMicroelectronics LDLL16ENTR Datasheet HTML 74Page - STMicroelectronics LDLL16ENTR Datasheet HTML 75Page - STMicroelectronics LDLL16ENTR Datasheet HTML 76Page - STMicroelectronics LDLL16ENTR Datasheet HTML 77Page - STMicroelectronics LDLL16ENTR Datasheet HTML 78Page - STMicroelectronics LDLL16ENTR Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 102 page
background image
6.1.18
Device status 3
Device status register #3
Address
2Eh
Access
Burst read from 2Ch/Read/Read and Clear
Data Byte 3
Data Byte 2
Data Byte 1
Data Byte 0
bit
31
bit
30
bit
29
bit
28
bit
27
bit
26
bit
25
bit
24
bit
23
bit
22
bit
21
bit
20
bit
19
bit
18
bit
17
bit
16
bit
15
bit
14
bit
13
bit
12
bit
11
bit
10
bit
9
bit
8
bit
7
bit
6
bit
5
bit
4
bit
3
bit
2
bit
1
bit
0
-
-
-
Table 48. Device status #3 field description
Bit
Name
Default
Description
31-17
-
0
Not used
16
RDAC_FAULT
0
External DAC reference resistor Fault:
0: No fault on external DAC reference resistor
1: Open or short circuit fault on external DAC reference resistor
15
WD_FAIL
0
Watchdog fail:
0: watchdog trigger bit toggled within WD_CONF timeout period - watchdog fail
1: watchdog trigger bit not toggled within WD_CONF timeout period - devices
enters fail-safe/stand-alone
14
VS_UV
0
VS undervoltage fault bit:
0: VS > VS_UV
1: VS < VS_UV
13-12
WD_STATUS
00
Watchdog status bits:
00: 0% < timer status < 24%
01: 24% < timer status < 50%
01: 50% < timer status < 74%
11: timer status > 74%
11
-
0
Not used
10
DIN_STATUS
0
Direct input 0 status bit:
0: low logical level at DIN0
1: high logical level at DIN0
9
NTC_FAULT
0
NTC fault status bit:
0: no short circuit fault detected on NTC: VNTC > VNTC_SHT
1: short circuit fault detected on NTC: VNTC < VNTC_SHT
8
NTC_DER_ACT
0
NTC derating active bit status bit:
0: VNTC > VNTC_TH, no derating active
1: VNTC < VNTC_TH, NTC derating active
7
OR_OL
0
OR combination of all channels´ open-load status flags:
0: no open-load is present on any active channel
LDLL16EN
FTP and RAM memory mapping
DS14111 - Rev 5
page 75/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com