Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDLL16ENTR Datasheet(PDF) 81 Page - STMicroelectronics

Part # LDLL16ENTR
Description  16-channel LED driver with automotive CAN FD light interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLL16ENTR Datasheet(HTML) 81 Page - STMicroelectronics

Back Button LDLL16ENTR Datasheet HTML 77Page - STMicroelectronics LDLL16ENTR Datasheet HTML 78Page - STMicroelectronics LDLL16ENTR Datasheet HTML 79Page - STMicroelectronics LDLL16ENTR Datasheet HTML 80Page - STMicroelectronics LDLL16ENTR Datasheet HTML 81Page - STMicroelectronics LDLL16ENTR Datasheet HTML 82Page - STMicroelectronics LDLL16ENTR Datasheet HTML 83Page - STMicroelectronics LDLL16ENTR Datasheet HTML 84Page - STMicroelectronics LDLL16ENTR Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 102 page
background image
Bit
Name
Default
Description
64
FAULT_REACT_GROUP_0
0
-
63-56
Free configurable
-
-
55
SHT_EN
0
-
54
SHT_OFF_GROUP_1
0
-
53
SHT_OFF_GROUP_0
0
-
52-44
Free configurable
-
-
43-42
DIAG_BLANK_GROUP_1
0
-
41-40
DIAG_BLANK_GROUP_0
0
-
39-37
PHASE_DEV
0
-
36
OUT_DELAY
0
-
35-33
Free configurable
-
-
32
PWM_FS_ALL_EN
0
-
31-8
Free configurable
-
-
7-0
PWM_DUTY_ALL
0
-
Table 56. CAN bit sampling point
CAN sampling point FTP value [hex]
CAN sampling point [%]
00
53.1
01
50.0
02
46.9
03
43.8
04
40.6
05
37.5
06
34.4
07
31.3
08
28.1
09
25.0
0A
21.9
0B
18.8
0C
15.6
0D
12.5
0E
9.40
0F
Not supported
10
Not supported
11
Not supported
12
Not supported
13
93.8
14
90.6
15
87.5
16
84.4
17
81.3
LDLL16EN
FTP and RAM memory mapping
DS14111 - Rev 5
page 81/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com