Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDLL16ENTR Datasheet(PDF) 77 Page - STMicroelectronics

Part # LDLL16ENTR
Description  16-channel LED driver with automotive CAN FD light interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLL16ENTR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button LDLL16ENTR Datasheet HTML 73Page - STMicroelectronics LDLL16ENTR Datasheet HTML 74Page - STMicroelectronics LDLL16ENTR Datasheet HTML 75Page - STMicroelectronics LDLL16ENTR Datasheet HTML 76Page - STMicroelectronics LDLL16ENTR Datasheet HTML 77Page - STMicroelectronics LDLL16ENTR Datasheet HTML 78Page - STMicroelectronics LDLL16ENTR Datasheet HTML 79Page - STMicroelectronics LDLL16ENTR Datasheet HTML 80Page - STMicroelectronics LDLL16ENTR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
6.1.19
FTP status 1
FTP status register #1
Address
2Fh
Access
Burst read from 2Ch/Read
Data Byte 3
Data Byte 2
Data Byte 1
Data Byte 0
bit
31
bit
30
bit
29
bit
28
bit
27
bit
26
bit
25
bit
24
bit
23
bit
22
bit
21
bit
20
bit
19
bit
18
bit
17
bit
16
bit
15
bit
14
bit
13
bit
12
bit
11
bit
10
bit
9
bit
8
bit
7
bit
6
bit
5
bit
4
bit
3
bit
2
bit
1
bit
0
-
-
-
Table 49. FTP status #1 field description
Bit
Name
Default
Description
31-23
-
-
Not used
22
STB_CONF
0
Device STB pin configuration, for flexiblw usage of the external transceiver:
0: transceiver normal mode with STB pin Low
1: transceiver normal mode with STB pin High
21-20
POR_DELAY
00
Power on reset delay time (tPOR_DELAY); delay time before activating outputs in fail-safe/
stand-alone mode after POR
00: 0 ms
01: 25 ms
10: 50 ms
11: 100 ms
19-18
WD_CONF
00
Watchdog timeout period t_WD
00: 50 ms
01: 100 ms
10: 200 ms
11: 25 ms
17
-
0h
Not used
16
PWM_FS_ALL_EN
0
Enable bit of internal PWM dimming in fail-safe/stand-alone mode for group 1 - channels
mapped on DIN:
0: internal PWM dimming disabled
1: internal PWM dimming enabled (PWM_DUTY_ALL FTP value with PWM_FREQ FTP
Value)
15-0
-
00h
Not used
LDLL16EN
FTP and RAM memory mapping
DS14111 - Rev 5
page 77/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com