Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDLL16ENTR Datasheet(PDF) 87 Page - STMicroelectronics

Part # LDLL16ENTR
Description  16-channel LED driver with automotive CAN FD light interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLL16ENTR Datasheet(HTML) 87 Page - STMicroelectronics

Back Button LDLL16ENTR Datasheet HTML 83Page - STMicroelectronics LDLL16ENTR Datasheet HTML 84Page - STMicroelectronics LDLL16ENTR Datasheet HTML 85Page - STMicroelectronics LDLL16ENTR Datasheet HTML 86Page - STMicroelectronics LDLL16ENTR Datasheet HTML 87Page - STMicroelectronics LDLL16ENTR Datasheet HTML 88Page - STMicroelectronics LDLL16ENTR Datasheet HTML 89Page - STMicroelectronics LDLL16ENTR Datasheet HTML 90Page - STMicroelectronics LDLL16ENTR Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 102 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
N_Fails_reset
Number of NOT detected failures
(consecutive) - counter reset
3
1. Upon the usage of the suggested resistance on RDAC pin.
2. Minimum voltage drop from device OUTx to device GND to guarantee programmed current regulation.
3. Any VPREG value from 00h to 32h codes is clamped to 4 V.
Table 63. PWM characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
PWM_FREQ_MIN
PWM minimum frequency
200
Hz
PWM_FREQ_MAX
PWM maximum frequency
1400
Hz
PWM_FREQ_ACC
PWM frequency accuracy
-5
5
%
PWM_PHASE_SHIFT_MIN
PWM minimum phase shift
- consumer mode
0
µs
PWM_PHASE_SHIFT_MAX
PWM maximum phase shift
- consumer mode
105
µs
PWM_PHASE_SHIFT_STEP
PWM phase shift step -
consumer mode
15
µs
tPWM_ON_OFF
Minimum PWM on-time and
off-time vs frequency
PWM_FREQ = 200 Hz
5
µs
PWM_FREQ = 300 Hz
3.3
µs
PWM_FREQ ≥400 Hz
2.5
µs
tSTARTUP_PWM_VS
Start-up time for light
function availability - PWM
dimming through power line
Device in fail-safe DIN_MAP_CHx = 01
(all outputs mapped to direct input)
DIN connected to power supply = 12.5
V through resistor divider
CURR_SET_GROUP_X = TBD (all
outputs current set to TBD mA)
Power supply dimming frequency =
200 Hz power supply dimming duty
cycle = 50%
700
µs
Table 64. NTC derating start configuration - voltage vs temperature
Bit 2
Bit 1
Bit 0
Derating start temp. [°C]
VNTC_TH [V]
0
0
0
55
2.034
0
0
1
60
1.908
0
1
0
65
1.783
0
1
1
70
1.66
1
0
0
80
1.423
1
0
1
90
1.207
1
1
0
95
1.106
1
1
1
100
1.013
LDLL16EN
Electrical characteristics
DS14111 - Rev 5
page 87/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com