Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDLL16ENTR Datasheet(PDF) 85 Page - STMicroelectronics

Part # LDLL16ENTR
Description  16-channel LED driver with automotive CAN FD light interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLL16ENTR Datasheet(HTML) 85 Page - STMicroelectronics

Back Button LDLL16ENTR Datasheet HTML 81Page - STMicroelectronics LDLL16ENTR Datasheet HTML 82Page - STMicroelectronics LDLL16ENTR Datasheet HTML 83Page - STMicroelectronics LDLL16ENTR Datasheet HTML 84Page - STMicroelectronics LDLL16ENTR Datasheet HTML 85Page - STMicroelectronics LDLL16ENTR Datasheet HTML 86Page - STMicroelectronics LDLL16ENTR Datasheet HTML 87Page - STMicroelectronics LDLL16ENTR Datasheet HTML 88Page - STMicroelectronics LDLL16ENTR Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
IVS_OP_OUT_ON
VS operating current consumption -
all outputs on
ΣIOUTx = 1 A, x = [0÷15]
23
mA
V_IO
External CAN transceiver supply -
output voltage
4.85
5
5.15
V
IV_IO, STDBY
External CAN transceiver supply
regulator - V_IO standby current
consumption
Device in standby mode through:
DIN = Low
No CAN communication
1
µA
IV_IO, OP
External CAN transceiver supply
regulator - V_IO operating current
consumption
RX stimulated with 500 kHz
TX follows RX with 500 kHz
(internal loop in test mode). No pull up
between TX and VIO
160
μA
V3V3
3.3 V regulator output voltage
TBD
3.2
3.3
3.4
V
IV3V3
3.3 V regulator output current
50
100
mA
IV3V3_SHT
3.3 V regulator short circuit current
130 170
200
mA
V3V3_POR_H
3.3 V regulator power on reset -
high threshold voltage
2.68 2.8
2.91
V
V3V3_POR_L
3.3 V regulator power on reset -
low threshold voltage
2.4
2.5
2.6
V
V3V3_POR_HYST
3.3 V regulator power on reset -
hysteresis
300
mV
VS_POR_H
Internal preregulator power on
reset - high threshold voltage
2.4
2.5
2.6
V
VS_POR_L
Internal preregulator power on
reset - low threshold voltage
2.2
2.3
2.4
V
VS_POR_HYST
Internal preregulator power on
reset–hysteresis
200
mV
LDLL16EN
Electrical characteristics
DS14111 - Rev 5
page 85/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com