Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDLL16ENTR Datasheet(PDF) 86 Page - STMicroelectronics

Part # LDLL16ENTR
Description  16-channel LED driver with automotive CAN FD light interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLL16ENTR Datasheet(HTML) 86 Page - STMicroelectronics

Back Button LDLL16ENTR Datasheet HTML 82Page - STMicroelectronics LDLL16ENTR Datasheet HTML 83Page - STMicroelectronics LDLL16ENTR Datasheet HTML 84Page - STMicroelectronics LDLL16ENTR Datasheet HTML 85Page - STMicroelectronics LDLL16ENTR Datasheet HTML 86Page - STMicroelectronics LDLL16ENTR Datasheet HTML 87Page - STMicroelectronics LDLL16ENTR Datasheet HTML 88Page - STMicroelectronics LDLL16ENTR Datasheet HTML 89Page - STMicroelectronics LDLL16ENTR Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
7.5
Linear current sinkers
The LDLL16EN features 16 channels in low-side configuration. Output current regulation is demanded to 16
integrated linear current sinkers. Their relevant electrical characteristics are reported in the Table 62.
Table 62. Output characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
IOUTx
Channel output current - range
6.3
100
mA
IOUTx_STEP
Channel output current - step
TBD
0.368
TBD
mA
IOUTx_ACC
Channel output current - accuracy(1)
6.3 mA ≤ IOUTx < 8.5 mA
±14
%
8.5 mA ≤ IOUTx < 17 mA
±11
17 mA ≤ IOUTx < 52 mA
±9
52 mA ≤ IOUTx ≤ 100 mA
±8
ΔIOUTx
Channel to channel output current –
deviation within the same device
6.3 mA ≤ IOUTx < 8.5 mA
±15
%
8.5 mA ≤ IOUTx < 17 mA
±13
17 mA ≤ IOUTx < 52 mA
±10
52 mA ≤ IOUTx < 100 mA
±9
IOUTx_LEAK
Channel output current - leakage
TJ = 125 °C
VOUTx = 20 V
OUTx channel off
1
µA
VOUTx_DROP
Channel output voltage - drop(2)
IOUTx = 100 mA
TJ = 125 °C
1
V
tGD
Gradual delay for each output
All channels enabled
TBD
1.8
TBD
µs
tSR_ON
Slew rate - turn on time for each channel
TBD
1
TBD
µs
tSR_OFF
Slew rate - turn off time for each channel
TBD
1
TBD
µs
VSHT_TH_GROUP_X
_min
Short circuit threshold - minimum voltage
0.556
V
VSHT_TH_GROUP_X,
max
Short circuit threshold - maximum voltage
8.9
V
VSHT_TH_GROUP_X,
step
Short circuit threshold - step voltage
556
mV
VOUT_SHT_PREG_TH
Short circuit between output and external
pre-regulator - threshold voltage
1
V
VPG_TH_VPREG_min
Minimum VPREG power good threshold - for
OL detection enabling
4(3)
V
VPG_TH_VPREG_max
Maximum VPREG power good threshold -
for OL detection enabling
20
V
VPG_TH_VPREG_step
VPREG power good thresholdstep
78.4
mV
VOL_TH
Open-load - voltage threshold
240
mV
VNTC_TH
NTC threshold voltage - derating start
See the
Table 64
VNTC_SHT
NTC threshold voltage - short detection
TBD
245
TBD
mV
N_Fails
Number of detected failures
(also non-consecutive) -
counter cycles
Short Circuit
15
Open-load
8
LDLL16EN
Electrical characteristics
DS14111 - Rev 5
page 86/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com