Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDLL16ENTR Datasheet(PDF) 76 Page - STMicroelectronics

Part # LDLL16ENTR
Description  16-channel LED driver with automotive CAN FD light interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLL16ENTR Datasheet(HTML) 76 Page - STMicroelectronics

Back Button LDLL16ENTR Datasheet HTML 72Page - STMicroelectronics LDLL16ENTR Datasheet HTML 73Page - STMicroelectronics LDLL16ENTR Datasheet HTML 74Page - STMicroelectronics LDLL16ENTR Datasheet HTML 75Page - STMicroelectronics LDLL16ENTR Datasheet HTML 76Page - STMicroelectronics LDLL16ENTR Datasheet HTML 77Page - STMicroelectronics LDLL16ENTR Datasheet HTML 78Page - STMicroelectronics LDLL16ENTR Datasheet HTML 79Page - STMicroelectronics LDLL16ENTR Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 102 page
background image
Bit
Name
Default
Description
1: open-load present on an active channel
6
OR_SHT
0
OR combination of all channels´ short circuit status flags:
0: no short circuit is present on any active channel
1: short circuit present on an active channel
5
OR_OUT_STATUS
0
OR combination of all channels´ output status flags:
0: all output gate drivers are inactive
1: at least one output gate driver is active
4
OR_OUT_SHT_VPREG
0
OR combination of all channels´ output short to VPREG status flags:
0: no short circuit to VPREG is present on any active channel
1: short circuit to VPREG is present on any active channel
3
TW
0
Thermal warning status bit:
0: TJ < TTW – TTW_HYST, thermal warning not active, TJ derating not active
1: TJ > TTW, thermal warning active, TJ derating active
2
TSD
0
Thermal shutdown status bit:
0: TJ < TTSD - TTSD_HYST, thermal shutdown not active, device not in autorestart
thermal cycling
1: TJ > TTSD - TTSD_HYST, thermal shutdown active, device in autorestart thermal
cycling
1
-
0
Not used
0
PG_NOT_VPREG
1
Power good not threshold status bit VPREG:
1: VPREG < VPG_TH_VPREG, Power
good threshold not reached on VPREG
0: VPREG > VPG_TH_VPREG, Power
good threshold reached on VPREG
LDLL16EN
FTP and RAM memory mapping
DS14111 - Rev 5
page 76/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com