Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDLL16ENTR Datasheet(PDF) 83 Page - STMicroelectronics

Part # LDLL16ENTR
Description  16-channel LED driver with automotive CAN FD light interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLL16ENTR Datasheet(HTML) 83 Page - STMicroelectronics

Back Button LDLL16ENTR Datasheet HTML 79Page - STMicroelectronics LDLL16ENTR Datasheet HTML 80Page - STMicroelectronics LDLL16ENTR Datasheet HTML 81Page - STMicroelectronics LDLL16ENTR Datasheet HTML 82Page - STMicroelectronics LDLL16ENTR Datasheet HTML 83Page - STMicroelectronics LDLL16ENTR Datasheet HTML 84Page - STMicroelectronics LDLL16ENTR Datasheet HTML 85Page - STMicroelectronics LDLL16ENTR Datasheet HTML 86Page - STMicroelectronics LDLL16ENTR Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
7
Electrical characteristics
Unless otherwise specified, the operating battery voltage and junction temperature ranges are 5 V < VS < 28 V,
-40 °C < TJ < 150 °C.
The device is still operative and functional at higher temperatures (up to 175 °C). Voltages are referred to ground
and currents are assumed positive when the current flows into the pin. The device is operated in the mentioned
operating range, unless otherwise specified.
Note:
Parameter limits at temperatures higher than 150 °C may change with respect to what is specified as per the
standard temperature range.
Device functionality at high temperature is guaranteed by characterization.
7.1
Absolute maximum ratings
Stressing the device above the "Absolute maximum ratings" may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table 57. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Input supply pin of the IC
-0.3 ÷ 40
V
VOUT_X
Output pin for the CHx (x = 0÷13)
-0.3 ÷ VPREG
VPREG
External preregulator voltage
0 ÷ 20
V_IO
External transceiver supply voltage
-0.3 ÷ 7
V3V3
3V3 regulator (internal) output voltage
-0.3 ÷ 4.6
VNTC
NTC analog input voltage
-0.3 ÷ V3V3 + 0.3
VDIN
Direct input pin voltage
-0.3 ÷ 7
VFAULT
Diagnostic I/O pin voltage
-0.3 ÷ V3V3 + 0.3
VSYNC_IO Synchronization I/O pin voltage
-0.3 ÷ V3V3 + 0.3
VRX
External transceiver interface pin – receiver voltage
-0.3 ÷ V_IO + 0.3
VTX
External transceiver interface pin – transmitter voltage
-0.3 ÷ V_IO + 0.3
VSTB
External transceiver interface pin – standby programmable open-drain, voltage
-0.3 ÷ V_IO + 0.3
VCS
Chip select input pin voltage
-0.3 ÷ 7
VTESTx
Test pin voltage
-0.3 ÷ V3V3 + 0.3
VRDAC
External resistor (for DACs ref) pin voltage
-0.3 ÷ V3V3 + 0.3
NFTP
Number of FTP writing cycles
(no integrated counter taking note about the FTP writing cycles)
1000
-
LDLL16EN
Electrical characteristics
DS14111 - Rev 5
page 83/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com