Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDLL16ENTR Datasheet(PDF) 74 Page - STMicroelectronics

Part # LDLL16ENTR
Description  16-channel LED driver with automotive CAN FD light interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLL16ENTR Datasheet(HTML) 74 Page - STMicroelectronics

Back Button LDLL16ENTR Datasheet HTML 70Page - STMicroelectronics LDLL16ENTR Datasheet HTML 71Page - STMicroelectronics LDLL16ENTR Datasheet HTML 72Page - STMicroelectronics LDLL16ENTR Datasheet HTML 73Page - STMicroelectronics LDLL16ENTR Datasheet HTML 74Page - STMicroelectronics LDLL16ENTR Datasheet HTML 75Page - STMicroelectronics LDLL16ENTR Datasheet HTML 76Page - STMicroelectronics LDLL16ENTR Datasheet HTML 77Page - STMicroelectronics LDLL16ENTR Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
Table 46. Device status #1 field description
Bit
Name
Default
Description
31-24
TJ
0h
8-bit value of junction temperature in 1/256 steps
6Bh: 175 °C
82h: 140 °C
A6h: 85°C
CCh:25 °C
F7h: -40 °C
23-16
-
00h
Not used
15-8
VPREG
00h
8-bit voltage of VPREG in 1/256 steps
00h: 0 mV
01h: 78.4 mV
7Fh: 9.96 V
FFh: 20 V
7-0
VS
00h
8-bit voltage of VS in 1/256 steps
00h: 0 mV
01h: 157 mV
7Fh: 19.9 V
FFh: 40 V
6.1.17
Device status 2
Device status register #2
Address
2Dh
Access
Burst read from 2Ch/Read
Data Byte 3
Data Byte 2
Data Byte 1
Data Byte 0
bit
31
bit
30
bit
29
bit
28
bit
27
bit
26
bit
25
bit
24
bit
23
bit
22
bit
21
bit
20
bit
19
bit
18
bit
17
bit
16
bit
15
bit
14
bit
13
bit
12
bit
11
bit
10
bit
9
bit
8
bit
7
bit
6
bit
5
bit
4
bit
3
bit
2
bit
1
bit
0
NTC_ADC
-
-
-
Table 47. Device status #2 field description
Bit
Name
Default
Description
31-24
NTC_ADC
00h
8-bit voltage of NTC in 1/256 steps
00h: 0 mV
01h: 10 mV
7Fh: 1.25 V
FFh: 2.50 V
23-0
-
00h
Not used
LDLL16EN
FTP and RAM memory mapping
DS14111 - Rev 5
page 74/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com