Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDLL16ENTR Datasheet(PDF) 78 Page - STMicroelectronics

Part # LDLL16ENTR
Description  16-channel LED driver with automotive CAN FD light interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLL16ENTR Datasheet(HTML) 78 Page - STMicroelectronics

Back Button LDLL16ENTR Datasheet HTML 74Page - STMicroelectronics LDLL16ENTR Datasheet HTML 75Page - STMicroelectronics LDLL16ENTR Datasheet HTML 76Page - STMicroelectronics LDLL16ENTR Datasheet HTML 77Page - STMicroelectronics LDLL16ENTR Datasheet HTML 78Page - STMicroelectronics LDLL16ENTR Datasheet HTML 79Page - STMicroelectronics LDLL16ENTR Datasheet HTML 80Page - STMicroelectronics LDLL16ENTR Datasheet HTML 81Page - STMicroelectronics LDLL16ENTR Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 102 page
background image
6.1.20
FTP status 2
FTP status register #2
Address
30h
Access
Read
Data Byte 3
Data Byte 2
Data Byte 1
Data Byte 0
bit
31
bit
30
bit
29
bit
28
bit
27
bit
26
bit
25
bit
24
bit
23
bit
22
bit
21
bit
20
bit
19
bit
18
bit
17
bit
16
bit
15
bit
14
bit
13
bit
12
bit
11
bit
10
bit
9
bit
8
bit
7
bit
6
bit
5
bit
4
bit
3
bit
2
bit
1
bit
0
-
FS_OUT15-8_EN
FS_OUT7-0_EN
Table 50. FTP status #2 field description
Bit
Name
Default
Description
31-16
-
0
Not used
15
FS_OUT15_EN
0
Output permanent on enable bit in fail-safe/stand-alone mode
0: output permanent on disabled
1: output permanent on enabled
14
FS_OUT14_EN
0
13
FS_OUT13_EN
0
12
FS_OUT12_EN
0
11
FS_OUT11_EN
0
10
FS_OUT10_EN
0
9
FS_OUT9_EN
0
8
FS_OUT8_EN
0
7
FS_OUT7_EN
0
6
FS_OUT6_EN
0
5
FS_OUT5_EN
0
4
FS_OUT4_EN
0
3
FS_OUT3_EN
0
2
FS_OUT2_EN
0
1
FS_OUT1_EN
0
0
FS_OUT0_EN
0
LDLL16EN
FTP and RAM memory mapping
DS14111 - Rev 5
page 78/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com