Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDLL16ENTR Datasheet(PDF) 84 Page - STMicroelectronics

Part # LDLL16ENTR
Description  16-channel LED driver with automotive CAN FD light interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLL16ENTR Datasheet(HTML) 84 Page - STMicroelectronics

Back Button LDLL16ENTR Datasheet HTML 80Page - STMicroelectronics LDLL16ENTR Datasheet HTML 81Page - STMicroelectronics LDLL16ENTR Datasheet HTML 82Page - STMicroelectronics LDLL16ENTR Datasheet HTML 83Page - STMicroelectronics LDLL16ENTR Datasheet HTML 84Page - STMicroelectronics LDLL16ENTR Datasheet HTML 85Page - STMicroelectronics LDLL16ENTR Datasheet HTML 86Page - STMicroelectronics LDLL16ENTR Datasheet HTML 87Page - STMicroelectronics LDLL16ENTR Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 102 page
background image
7.2
ESD protection
Table 58. ESD protection
Parameter
Value
Unit
Electrostatic Discharge Test (AECQ100-002-E) - all pins
±2
kV
Electrostatic Discharge Test (AECQ100-002-E) - all output pins(1)
±4
kV
Charge Device Model (CDM-AEC-Q100-011) - all pins
±500
V
Charge Device Model (CDM-AEC-Q100-011) - corner pins
±750
V
Machine Model(2) - all pins
±150
V
1. VS, GND
2. According to Machine Model: C = 200 pF; R = 0 Ω
7.3
Thermal characteristics
Table 59. QFN32L 5x5 package thermal data
Symbol
Parameter
Min.
Typ.
Max.
Unit
Rthj-amb(1)
Thermal resistance junction to ambient (JEDEC JESD 51-2)
-
25
-
°C/W
Rthj-top
Junction-to-top thermal resistance (JEDEC JESD 51-2)
-
2.7
-
°C/W
1. Device soldered on 2s2p PCB thermally enhanced (slug included).
Table 60. Thermal data, warning and shutdown
Symbol
Parameter
Min.
Typ.
Max.
Unit
TSTG
Storage temperature
-55
150
°C
TJ
Operating junction temperature
-40
150
°C
TTW
Junction temperature thermal warning - threshold
130
140
150
°C
TTW_HYST
Junction temperature thermal warning - hysteresis
10
°C
TTSD
Junction temperature thermal shutdown - threshold
160
175
190
°C
TTSD_HYST
Junction temperature thermal shutdown - hysteresis
15
°C
7.4
Main electrical characteristics
Table 61. Supply
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VS
Operating battery voltage
5
28
V
VS_UV
VS undervoltage shutdown
3.75
4
4.25
V
VS_UV_RST
VS undervoltage shutdown - reset
threshold
4.5
4.75
V
IVS_STBY
VS standby current consumption
Device in standby mode through:
DIN = Low
No CAN communication
40
65
µA
IVS_OP_OUT_OFF
VS operating current consumption -
all outputs off
10
mA
LDLL16EN
Electrical characteristics
DS14111 - Rev 5
page 84/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com