Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 270Page - Renesas Technology Corp HD6417618 Datasheet HTML 271Page - Renesas Technology Corp HD6417618 Datasheet HTML 272Page - Renesas Technology Corp HD6417618 Datasheet HTML 273Page - Renesas Technology Corp HD6417618 Datasheet HTML 274Page - Renesas Technology Corp HD6417618 Datasheet HTML 275Page - Renesas Technology Corp HD6417618 Datasheet HTML 276Page - Renesas Technology Corp HD6417618 Datasheet HTML 277Page - Renesas Technology Corp HD6417618 Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
Rev. 6.00 Jun. 12, 2007 Page 242 of 610
REJ09B0131-0600
11.3.10
Delayed Collision Detect Counter Register (CDCR)
CDCR is a 32-bit counter that indicates the number of delayed collisions on all lines from a start
of transmission. When the value in this register reaches H'FFFFFFFF, count-up is halted. The
counter value is cleared to 0 by a write to this register with any value.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 COSDC31 to
COSDC0
All 0
R/W
Delayed Collision Detect Count
These bits indicate the number of delayed collisions
on all lines from a start of transmission.
11.3.11
Lost Carrier Counter Register (LCCR)
LCCR is a 32-bit counter that indicates the number of times the carrier was lost during data
transmission. When the value in this register reaches H'FFFFFFFF, the count is halted. The
counter value is cleared to 0 by writing to this register with any value.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 LCC31 to
LCC0
All 0
R/W
Lost Carrier Count
These bits indicate the number of times the carrier
was lost during data transmission.
11.3.12
Carrier Not Detect Counter Register (CNDCR)
CNDCR is a 32-bit counter that indicates the number of times the carrier could not be detected
while the preamble was being sent. When the value in this register reaches H'FFFFFFFF, the count
is halted. The counter value is cleared to 0 by a write to this register with any value.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 CNDC31 to
CNDC0
All 0
R/W
Carrier Not Detect Count
These bits indicate the number of times the carrier
was not detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com