Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 93Page - Renesas Technology Corp HD6417618 Datasheet HTML 94Page - Renesas Technology Corp HD6417618 Datasheet HTML 95Page - Renesas Technology Corp HD6417618 Datasheet HTML 96Page - Renesas Technology Corp HD6417618 Datasheet HTML 97Page - Renesas Technology Corp HD6417618 Datasheet HTML 98Page - Renesas Technology Corp HD6417618 Datasheet HTML 99Page - Renesas Technology Corp HD6417618 Datasheet HTML 100Page - Renesas Technology Corp HD6417618 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 646 page
background image
Section 5 Exception Handling
Rev. 6.00 Jun. 12, 2007 Page 65 of 610
REJ09B0131-0600
Section 5 Exception Handling
5.1
Overview
5.1.1
Types of Exception Handling and Priority
Exception handling is started by four sources: resets, address errors, interrupts and instructions and
have the priority, as shown in table 5.1. When several exceptions are detected at once, they are
processed according to the priority.
Table 5.1
Types of Exceptions and Priority
Exception
Exception Source
Priority
Reset
Power-on reset
High
H-UDI reset
Interrupt
User break (break before instruction execution)
Address error
CPU address error (instruction fetch)
Instruction
General illegal instructions (undefined code)
Illegal slot instruction (undefined code placed immediately after a
delayed branch instruction*
1 or instruction that changes the PC value*2)
Trap instruction (TRAPA instruction)
Address error
CPU address error (data access)
Interrupt
User break (break after instruction execution or operand break)
NMI
H-UDI
IRQ
Watchdog timer (WDT)
Ether controller (EtherC and E-DMAC)
On-chip
peripheral
modules:
Compare match timer 0 and 1 (CMT0 and CMT1)
Serial communication interface with FIFO (SCIF0,
SCIF1, and SCIF2)
Host interface (HIF)
Low
Notes: 1. Delayed branch instructions: JMP, JSR, BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF, and
BRAF.
2. Instructions that change the PC value: JMP, JSR, BRA, BSR, RTS, RTE, BT, BF,
TRAPA, BF/S, BT/S, BSRF, BRAF, LDC Rm,SR, LDC.L @Rm+,SR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com