| Electronic Components Datasheet Search |
|
HD6417618 Datasheet(PDF) 98 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 98 Page - Renesas Technology Corp |
|
98 / 646 page ![]() Section 5 Exception Handling Rev. 6.00 Jun. 12, 2007 Page 66 of 610 REJ09B0131-0600 5.1.2 Exception Handling Operations The exceptions are detected and the exception handling starts according to the timing shown in table 5.2. Table 5.2 Timing for Exception Detection and Start of Exception Handling Exception Timing of Source Detection and Start of Exception Handling Reset Power-on reset Started when the RES pin changes from low to high or when the WDT overflows. H-UDI reset Started when the reset assert command and the reset negate command are input to the H-UDI in this order. Address error Interrupt Detected during the instruction decode stage and started after the execution of the current instruction is completed. Instruction Trap instruction Started by the execution of the TRAPA instruction. General illegal instructions Started when an undefined code placed at other than a delay slot (immediately after a delayed branch instruction) is decoded. Illegal slot instructions Started when an undefined code placed at a delay slot (immediately after a delayed branch instruction) or an instruction that changes the PC value is detected. When exception handling starts, the CPU operates Exception Handling Triggered by Reset: The initial values of the program counter (PC) and stack pointer (SP) are fetched from the exception handling vector table (PC from the address H'A0000000 and SP from the address H'A0000004). For details, see section 5.1.3, Exception Handling Vector Table. H'00000000 is then written to the vector base register (VBR), and H'F (B'1111) is written to the interrupt mask bits (I3 to I0) in the status register (SR). The program starts from the PC address fetched from the exception handling vector table. Exception Handling Triggered by Address Error, Interrupt, and Instruction: SR and PC are saved to the stack indicated by R15. For interrupt exception handling, the interrupt priority level is written to the interrupt mask bits (I3 to I0) in SR. For address error and instruction exception handling, bits I3 to I0 are not affected. The start address is then fetched from the exception handling vector table and the program starts from that address. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |