Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 50Page - Renesas Technology Corp HD6417618 Datasheet HTML 51Page - Renesas Technology Corp HD6417618 Datasheet HTML 52Page - Renesas Technology Corp HD6417618 Datasheet HTML 53Page - Renesas Technology Corp HD6417618 Datasheet HTML 54Page - Renesas Technology Corp HD6417618 Datasheet HTML 55Page - Renesas Technology Corp HD6417618 Datasheet HTML 56Page - Renesas Technology Corp HD6417618 Datasheet HTML 57Page - Renesas Technology Corp HD6417618 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 646 page
background image
Section 2 CPU
Rev. 6.00 Jun. 12, 2007 Page 22 of 610
REJ09B0131-0600
Bit
Bit
name
Default
Read/
Write
Description
0
T
Undefined
R/W
T
Indicates true (1) or false (0) in the following
instructions: MOVT, CMP/cond, TAS, TST, BT (BT/S),
BF (BF/S), SETT, CLRT
Indicates carry, borrow, overflow, or underflow in the
following instructions: ADDV, ADDC, SUBV, SUBC,
NEGC, DIV0U, DIV0S, DIV1, SHAR, SHAL, SHLR,
SHLL, ROTR, ROTL, ROTCR, ROTCL
• Global-base register (GBR)
This register indicates a base address in GBR indirect addressing mode. The GBR indirect
addressing mode is used for data transfer of the on-chip peripheral module registers and logic
operations.
• Vector-base register (VBR)
This register indicates the base address of the exception handling vector table.
2.2.3
System Registers
There are four 32-bit system registers, designated two multiply and accumulate registers (MACH
and MACL), a procedure register (PR), and program counter (PC).
• Multiply and accumulate registers (MAC)
This register stores the results of multiplication and multiply-and-accumulate operation.
• Procedure register (PR)
This register stores the return-destination address from subroutine procedures.
• Program counter (PC)
The PC indicates the point which is four bytes (two instructions) after the current execution
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com