| Electronic Components Datasheet Search |
|
HD6417618 Datasheet(PDF) 59 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 59 Page - Renesas Technology Corp |
|
59 / 646 page ![]() Section 2 CPU Rev. 6.00 Jun. 12, 2007 Page 27 of 610 REJ09B0131-0600 Immediate Data: 8-bit immediate data is placed in the instruction code. Word and longword immediate data is not placed in the instruction code. It is placed in a table in memory. The table in memory is accessed with the MOV immediate data instruction using PC relative addressing mode with displacement. Table 2.5 Access to Immediate Data Type This LSI's CPU Example of Other CPU 8-bit immediate MOV #H'12,R0 MOV.B #H'12,R0 16-bit immediate MOV.W @(disp,PC),R0 ........ .DATA.W H'1234 MOV.W #H'1234,R0 32-bit immediate MOV.L @(disp,PC),R0 ........ .DATA.L H'12345678 MOV.L #H'12345678, R0 Note: Immediate data is accessed by @(disp,PC). Absolute Addresses: When data is accessed by absolute address, place the absolute address value in a table in memory beforehand. The absolute address value is transferred to a register using the method whereby immediate data is loaded when an instruction is executed, and the data is accessed using the register indirect addressing mode. Table 2.6 Access to Absolute Address Type CPU in this LSI Example of Other CPUs Absolute address MOV.L @(disp,PC),R1 MOV.B @R1,R0 ........ .DATA.L H'12345678 MOV.B @H'12345678, R0 Note: Immediate data is referenced by @(disp,PC). 16-Bit/32-Bit Displacement: When data is accessed using the 16- or 32-bit displacement addressing mode, the displacement value is placed in a table in memory beforehand. Using the method whereby immediate data is loaded when an instruction is executed, this value is transferred to a register and the data is accessed using index register indirect addressing mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |