Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 33Page - Renesas Technology Corp HD6417618 Datasheet HTML 34Page - Renesas Technology Corp HD6417618 Datasheet HTML 35Page - Renesas Technology Corp HD6417618 Datasheet HTML 36Page - Renesas Technology Corp HD6417618 Datasheet HTML 37Page - Renesas Technology Corp HD6417618 Datasheet HTML 38Page - Renesas Technology Corp HD6417618 Datasheet HTML 39Page - Renesas Technology Corp HD6417618 Datasheet HTML 40Page - Renesas Technology Corp HD6417618 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 646 page
background image
Section 1 Overview
Rev. 6.00 Jun. 12, 2007 Page 5 of 610
REJ09B0131-0600
• The external device can access the desired register after the register index has been specified.
(However, when the buffer RAM is accessed successively, the address is updated
automatically.)
• Selection of endian mode
• Interrupt requested to the external device
• Internal interrupt requested to the CPU of this LSI
• Booting from the buffer RAM is enabled if the external device has stored the instruction code
in the buffer RAM
Compare match timer (CMT):
• 16-bit counter
• Generates compare match interrupts
• Two channels
Serial communication interface with FIFO (SCIF):
• Synchronous and asynchronous modes
• 16 bytes each for transmit/receive FIFO
• High-speed UART
• The UART supports FIFO stop and FIFO trigger
• Flow control enabled (channel 0 and channel 1 only)
• Three channels
I/O ports:
• 78 general input/output pins
• Input or output can be set per bit within the input/output common port
Package:
• BP1313-176 (0.8 pitch)
Power supply voltage:
• I/O: 3.0 to 3.6 V
Internal: 1.5
±0.1 V (Two power sources are externally provided.)
Note: * Magic Packet
TM is the registered trademark of Advance Micro Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com