Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 21Page - Renesas Technology Corp HD6417618 Datasheet HTML 22Page - Renesas Technology Corp HD6417618 Datasheet HTML 23Page - Renesas Technology Corp HD6417618 Datasheet HTML 24Page - Renesas Technology Corp HD6417618 Datasheet HTML 25Page - Renesas Technology Corp HD6417618 Datasheet HTML 26Page - Renesas Technology Corp HD6417618 Datasheet HTML 27Page - Renesas Technology Corp HD6417618 Datasheet HTML 28Page - Renesas Technology Corp HD6417618 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 646 page
background image
Rev. 6.00 Jun. 12, 2007 Page xxv of xxxii
Section 17 I/O Ports
Figure 17.1 Port A ...................................................................................................................... 457
Figure 17.2 Port B ...................................................................................................................... 459
Figure 17.3 Port C ...................................................................................................................... 461
Figure 17.4 Port D ...................................................................................................................... 464
Figure 17.5 Port E....................................................................................................................... 466
Section 18 User Break Controller (UBC)
Figure 18.1 Block Diagram of UBC........................................................................................... 472
Section 19 User Debugging Interface (H-UDI)
Figure 19.1 Block Diagram of H-UDI........................................................................................ 494
Figure 19.2 TAP Controller State Transitions ............................................................................ 504
Figure 19.3 H-UDI Data Transfer Timing.................................................................................. 506
Figure 19.4 H-UDI Reset............................................................................................................ 506
Section 21 Electrical Characteristics
Figure 21.1 External Clock Input Timing................................................................................... 546
Figure 21.2 CKIO and CK_PHY Clock Output Timings ........................................................... 546
Figure 21.3 Oscillation Settling Timing after Power-On............................................................ 547
Figure 21.4 Oscillation Settling Timing after Standby Mode (By Reset)................................... 547
Figure 21.5 Oscillation Settling Timing after Standby Mode (By NMI or IRQ)........................ 547
Figure 21.6 PLL Synchronize Settling Timing By Reset or NMI .............................................. 548
Figure 21.7 Reset Input Timing.................................................................................................. 549
Figure 21.8 Interrupt Input Timing............................................................................................. 550
Figure 21.9 Pin Drive Timing in Standby Mode ........................................................................ 550
Figure 21.10 Basic Bus Timing: No Wait Cycle ........................................................................ 553
Figure 21.11 Basic Bus Timing: One Software Wait Cycle ....................................................... 554
Figure 21.12 Basic Bus Timing: One External Wait Cycle ........................................................ 555
Figure 21.13 Basic Bus Timing: One Software Wait Cycle, External Wait Enabled
(WM Bit = 0), No Idle Cycle ................................................................................ 556
Figure 21.14 Byte Control SRAM Timing: SW = 1 Cycle, HW = 1 Cycle,
One Asynchronous External Wait Cycle, CSnWCR.BAS = 0
(UB-/LB-Controlled Write Cycle) ........................................................................ 557
Figure 21.15 Byte Control SRAM Timing: SW = 1 Cycle, HW = 1 Cycle,
One Asynchronous External Wait Cycle, CSnWCR.BAS = 1
(WE-Controlled Write Cycle) ............................................................................... 558
Figure 21.16 Synchronous DRAM Single Read Bus Cycle
(Auto-Precharge, CAS Latency = 2, WTRCD = 0 Cycle, WTRP = 0 Cycle)...... 559
Figure 21.17 Synchronous DRAM Single Read Bus Cycle
(Auto-Precharge, CAS Latency = 2, WTRCD = 1 Cycle, WTRP = 1 Cycle)...... 560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com