Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 38Page - Renesas Technology Corp HD6417618 Datasheet HTML 39Page - Renesas Technology Corp HD6417618 Datasheet HTML 40Page - Renesas Technology Corp HD6417618 Datasheet HTML 41Page - Renesas Technology Corp HD6417618 Datasheet HTML 42Page - Renesas Technology Corp HD6417618 Datasheet HTML 43Page - Renesas Technology Corp HD6417618 Datasheet HTML 44Page - Renesas Technology Corp HD6417618 Datasheet HTML 45Page - Renesas Technology Corp HD6417618 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 646 page
background image
Section 1 Overview
Rev. 6.00 Jun. 12, 2007 Page 10 of 610
REJ09B0131-0600
Classifi-
cation
Abbr.
I/O
Pin Name
Description
Bus
control
CE1B
Output PCMCIA Card
Select Lower
Side
Chip enable for PCMCIA allocated to area 6
CE2A
Output PCMCIA Card
Select Upper
Side
Chip enable for PCMCIA allocated to area 5
CE2B
Output PCMCIA Card
Select Upper
Side
Chip enable for PCMCIA allocated to area 6
ICIOWR
Output PCMCIA I/O
Write Strobe
Connects to the PCMCIA I/O write strobe pin.
ICIORD
Output PCMCIA I/O
Read Strobe
Connects to the PCMCIA I/O read strobe pin.
WE
Output PCMCIA
Memory Write
Strobe
Connects to the PCMCIA memory write strobe.
IOIS16
Input
PCMCIA
Dynamic Bus
Sizing
In little endian mode, this signal indicates 16-bit bus width of
PCMCIA. In big endian mode, fix this pin low.
CRS
Input
Carrier Sense
Carrier sense pin
Ethernet
controller
COL
Input
Collision
Collision detect pin
MII_TXD3 to
MII_TXD0
Output Transmit Data 4-bit transmit data pins
TX_EN
Output Transmit
Enable
Indicates that transmit data is on pins MII_TXD3 to
MII_TXD0.
TX_CLK
Input
Transmit
Clock
Timing reference input for the TX_EN, TX_ER, and
MII_TXD3 to MII_TXD0 pins
TX_ER
Output Transmit Error Informs PHY LSI of an error during transmission.
MII_RXD3 to
MII_RXD0
Input
Receive Data
4-bit receive data pins
RX_DV
Input
Receive Data
Valid
Indicates that valid receive data is on pins MII_RXD3 to
MII_RXD0.
RX_CLK
Input
Receive Clock Timing reference input for the RX_DV, RX_ER, and
MII_RXD3 to MII_RXD0 pins
RX_ER
Input
Receive Error
Pin for detection of an error during reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com