| Electronic Components Datasheet Search |
|
HD6417618 Datasheet(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 24 Page - Renesas Technology Corp |
|
24 / 646 page ![]() Rev. 6.00 Jun. 12, 2007 Page xxiv of xxxii Section 14 Serial Communication Interface with FIFO (SCIF) Figure 14.1 Block Diagram of SCIF........................................................................................... 327 Figure 14.2 Example of Data Format in Asynchronous Communication (8-Bit Data with Parity and Two Stop Bits)............................................................ 364 Figure 14.3 Sample Flowchart for SCIF Initialization ............................................................... 367 Figure 14.4 Sample Flowchart for Transmitting Serial Data...................................................... 368 Figure 14.5 Example of Transmit Operation (8-Bit Data, Parity, One Stop Bit)........................ 370 Figure 14.6 Example of Operation Using Modem Control ( CTS).............................................. 370 Figure 14.7 Sample Flowchart for Receiving Serial Data .......................................................... 371 Figure 14.8 Sample Flowchart for Receiving Serial Data (cont)................................................ 372 Figure 14.9 Example of SCIF Receive Operation (8-Bit Data, Parity, One Stop Bit)................ 374 Figure 14.10 Example of Operation Using Modem Control ( RTS)............................................ 374 Figure 14.11 Data Format in Synchronous Communication ...................................................... 375 Figure 14.12 Sample Flowchart for SCIF Initialization ............................................................. 377 Figure 14.13 Sample Flowchart for Transmitting Serial Data.................................................... 378 Figure 14.14 Example of SCIF Transmit Operation................................................................... 379 Figure 14.15 Sample Flowchart for Receiving Serial Data (1)................................................... 380 Figure 14.16 Sample Flowchart for Receiving Serial Data (2)................................................... 380 Figure 14.17 Example of SCIF Receive Operation .................................................................... 381 Figure 14.18 Sample Flowchart for Transmitting/Receiving Serial Data................................... 382 Figure 14.19 RTSIO Bit, RTSDT bit, and RTS Pin ................................................................... 384 Figure 14.20 CTSIO Bit, CTSDT bit, and CTS Pin ................................................................... 385 Figure 14.21 SCKIO Bit, SCKDT bit, and SCK Pin .................................................................. 386 Figure 14.22 SPBIO Bit, SPBDT bit, and TxD Pin.................................................................... 386 Figure 14.23 SPBDT bit and RxD Pin........................................................................................ 387 Figure 14.24 Receive Data Sampling Timing in Asynchronous Mode ...................................... 389 Section 15 Host Interface (HIF) Figure 15.1 Block Diagram of HIF............................................................................................. 392 Figure 15.2 HIF Connection Example........................................................................................ 394 Figure 15.3 Basic Timing for HIF Interface ............................................................................... 410 Figure 15.4 HIFIDX Write and HIFGSR Read .......................................................................... 411 Figure 15.5 HIF Register Settings .............................................................................................. 411 Figure 15.6 Consecutive Data Writing to HIFRAM................................................................... 412 Figure 15.7 Consecutive Data Reading from HIFRAM ............................................................. 413 Figure 15.8 HIFDREQ Timing (When DMD = 0 and DPOL = 0)............................................. 413 Figure 15.9 HIFDREQ Timing (When DMD = 0 and DPOL = 1)............................................. 414 Figure 15.10 HIFDREQ Timing (When DMD = 1 and DPOL = 0)........................................... 414 Figure 15.11 HIFDREQ Timing (When DMD = 1 and DPOL = 1)........................................... 415 Figure 15.12 Image of High-Impedance Control of HIF Pins by HIFEBL Pin .......................... 419 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |