Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 275 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 275 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 271Page - Renesas Technology Corp HD6417618 Datasheet HTML 272Page - Renesas Technology Corp HD6417618 Datasheet HTML 273Page - Renesas Technology Corp HD6417618 Datasheet HTML 274Page - Renesas Technology Corp HD6417618 Datasheet HTML 275Page - Renesas Technology Corp HD6417618 Datasheet HTML 276Page - Renesas Technology Corp HD6417618 Datasheet HTML 277Page - Renesas Technology Corp HD6417618 Datasheet HTML 278Page - Renesas Technology Corp HD6417618 Datasheet HTML 279Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
Rev. 6.00 Jun. 12, 2007 Page 243 of 610
REJ09B0131-0600
11.3.13
CRC Error Frame Counter Register (CEFCR)
CEFCR is a 32-bit counter that indicates the number of times a frame with a CRC error was
received. When the value in this register reaches H'FFFFFFFF, the count is halted. The counter
value is cleared to 0 by a write to this register with any value.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 CEFC31 to
CEFC0
All 0
R/W
CRC Error Frame Count
These bits indicate the count of CRC error frames
received.
11.3.14
Frame Receive Error Counter Register (FRECR)
FRECR is a 32-bit counter that indicates the number of frames input from the PHY for which a
receive error was indicated by the RX-ER pin. FRECR is incremented each time the RX-ER pin
becomes active. When the value in this register reaches H'FFFFFFFF, the count is halted. The
counter value is cleared to 0 by a write to this register with any value.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 FREC31 to
FREC0
All 0
R/W
Frame Receive Error Count
These bits indicate the count of errors during frame
reception.
11.3.15
Too-Short Frame Receive Counter Register (TSFRCR)
TSFRCR is a 32-bit counter that indicates the number of frames of fewer than 64 bytes that have
been received. When the value in this register reaches H'FFFFFFFF, the count is halted. The
counter value is cleared to 0 by a write to this register with any value.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 TSFC31 to
TSFC0
All 0
R/W
Too-Short Frame Receive Count
These bits indicate the count of frames received with
a length of less than 64 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com