Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 269Page - Renesas Technology Corp HD6417618 Datasheet HTML 270Page - Renesas Technology Corp HD6417618 Datasheet HTML 271Page - Renesas Technology Corp HD6417618 Datasheet HTML 272Page - Renesas Technology Corp HD6417618 Datasheet HTML 273Page - Renesas Technology Corp HD6417618 Datasheet HTML 274Page - Renesas Technology Corp HD6417618 Datasheet HTML 275Page - Renesas Technology Corp HD6417618 Datasheet HTML 276Page - Renesas Technology Corp HD6417618 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
Rev. 6.00 Jun. 12, 2007 Page 241 of 610
REJ09B0131-0600
11.3.8
PHY Status Register (PSR)
PSR is a read-only register that can read interface signals from the PHY.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 1
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
0
LMON
0
R
LNKSTA Pin Status
The Link status can be read by connecting the Link
signal output from the PHY to the LNKSTA pin. For
the polarity, refer to the PHY specifications to be
connected.
11.3.9
Transmit Retry Over Counter Register (TROCR)
TROCR is a 32-bit counter that indicates the number of frames that were unable to be transmitted
in 16 transmission attempts including the retransfer. When 16 transmission attempts have failed,
TROCR is incremented by 1. When the value in this register reaches H'FFFFFFFF, the count is
halted. The counter value is cleared to 0 by a write to this register with any value.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 TROC31 to
TROC0
All 0
R/W
Transmit Retry Over Count
These bits indicate the number of frames that were
unable to be transmitted in 16 transmission attempts
including the retransfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com