Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618 Datasheet(PDF) 433 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 433 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 429Page - Renesas Technology Corp HD6417618 Datasheet HTML 430Page - Renesas Technology Corp HD6417618 Datasheet HTML 431Page - Renesas Technology Corp HD6417618 Datasheet HTML 432Page - Renesas Technology Corp HD6417618 Datasheet HTML 433Page - Renesas Technology Corp HD6417618 Datasheet HTML 434Page - Renesas Technology Corp HD6417618 Datasheet HTML 435Page - Renesas Technology Corp HD6417618 Datasheet HTML 436Page - Renesas Technology Corp HD6417618 Datasheet HTML 437Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 401 of 610
REJ09B0131-0600
15.4.4
HIF Memory Control Register (HIFMCR)
HIFMCR is a 32-bit register used to control HIFRAM. HIFMCR can be only read by the on-chip
CPU. Access to HIFMCR by an external device should be performed with HIFMCR specified by
bits REG5 to REG0 in HIFIDX and the HIFRS pin low.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 8 —
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
7
LOCK
0
R/W*
Lock
This bit is used to lock the access direction (read or write)
for consecutive access of HIFRAM by an external device
via HIFDATA. When this bit is set to 1, the values of the
RD and WT bits set at the same time are held until this
bit is next cleared to 0. When the RD bit and this bit are
simultaneously set to 1, consecutive read mode is
entered. When the WT bit and this bit are simultaneously
set to 1, consecutive write mode is entered. Both the RD
and WT bits should not be set to 1 simultaneously.
6
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
5
WT
0
R/W*
Write
When this bit is set to 1, the HIFDATA value is written to
the HIFRAM position corresponding to HIFADR.
If this bit and the LOCK bit are set to 1 simultaneously,
HIFRAM consecutive write mode is entered, and high-
speed data transfer becomes possible. This mode is
maintained until this bit is next cleared to 0, or until the
LOCK bit is cleared to 0.
If the LOCK bit is not simultaneously set to 1 with this bit,
writing to HIFRAM is performed only once. Thereafter,
the value of this bit is automatically cleared to 0.
4
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com