Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 98 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 94Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 95Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 96Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 97Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 98Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 99Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 100Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 101Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 198 page
background image
One Time Programmable Memory
QorIQ LS1024A Data sheet, Rev 0
Freescale Semiconductor
95
11 One Time Programmable Memory
This section describes the One Time Programmable (OTP) features and functions.
11.1
Features
•8K bits
•
Readable by software
•
First 8 bits are used for secure mode
•
One-time writable by software (different bits can be written at different time)
•
The memory supports the "Write Security Lock" feature as documented in the Test Methodology Design Guide
document. Once "Security Lock" is programmed, the OTP memory becomes permanently "read only".
•
Internal charge pumps generate the necessary program voltages.
•
Data bus interface (density dependent)
–
Program: x1 bit
–
Read: x8 bits
•
Memory array "0" by default; only need to program the "1" bits
•
High reliability: Data retention: >10 years
•
Redundancy built-in
–
Each addressable bit has 2 bits logically ORed.
11.2
Functional Description
The initial value of OTP memory is all zeroes. Only addresses that require a value of one need to be programmed.
Voltages required to program the OTP are generated internally with charge pumps. External Vpp voltages are not
required to program the OTP memory.
The memory can be programmed, read, or be placed in standby mode for low power applications.
The OTP can be controlled by configuring registers that controls the block interface. The block provides write
protection logic to avoid accidental programming of the memory. Programming is performed 1 bit at a time while
read operations output 8 bits at a time.
11.2.1
OTP IP I/O Description
Table 11-1lists the OTP Block I/O description. These signals are all available through registers.
Table 11-1
OTP Block I/O Description
Pin Name
Type
Description
A[13:0]
Input
These address pins are divided into several groups (row address, column address, etc) according to the
block size and bit map.
A[13] is used for Test Mode.
CEB
Input
CEB (active low) enables to control power and should be used for block selection. When CEB is high, the
module is in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com