| Electronic Components Datasheet Search |
|
LS1024ASE7MLA Datasheet(PDF) 90 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LS1024ASE7MLA Datasheet(HTML) 90 Page - NXP Semiconductors |
|
90 / 198 page ![]() Low Speed SPI QorIQ LS1024A Data sheet, Rev 0 Freescale Semiconductor 87 Figure 9-2 Hardware/Software Slave Selection When implemented in software, the input select line of each serial slave can either originate for a single slave select output pin on the serial master (user must configure the master to have one slave select output) or be permanently grounded. The main program in the software domain controls the selection of the target slave device. This architecture is illustrated in Figure 9-2 B. The LS1024A SPI interface does not enforce hardware or software control, the user can configure the interface for either implementation. 9.3.1 Serial Peripheral Interface With SPI, the clock polarity (SCPOL) determines whether the inactive state of the serial clock is high or low. To transmit data, both SPI peripherals must have identical SCPH and SCPOL values. The data frame can be 4 to 16 bits in length. When the SCPH = 0, data transmission begins on the falling edge of the slave select signal. The first data bit is captured by the master and slave peripherals on the first edge of the serial clock, therefore, valid data must be present on the txd and rxd lines prior to the first serial clock edge. Figure 9-3 shows a timing diagram for a single SPI data transfer with SCPH = 0. The serial clock is shown for SCPOL = 0 and SCPOL = 1. The following signals are illustrated in the timing diagrams in this section: • sclk_out — serial clock from SPI interface master • ss_n — slave select signal from SPI interface master • txd — transmit data line for the SPI interface master/slave • rxd — receive data line for the SPI interface master/slave Master Slave Data Bus ss_0 ss_x ss Slave A . . . Master Slave Data Bus ss ss Slave B ss ss = slave select line ss |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |