Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 35Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 36Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 37Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 38Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 39Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 40Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 41Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 42Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 198 page
background image
QorIQ LS1024A Data sheet, Rev 0
Pinout and Signal Summary
Freescale Semiconductor
36
3.2.8
Fast UART Signals
Table 3-13 lists the UART signals and their descriptions.
3.2.9
High Speed SPI Signals
Table 3-14 lists the HI-SPI signals and their descriptions.
3.2.10
I2S Signals
Table 3-15 lists the I2S signals and their descriptions.
Table 3-12
I2C Signals
Signal Name
Directio
n
Size
Description
I2C_SCL
O
1
I2C Output Clock Line
I2C_SDA
I/O
1
I2C Input/Output Data Line
Table 3-13
UART Signals
Signal Name
Directio
n
Size
Description
UART#_TX
O
1
Transmit data
UART#_RX
I
1
Receive data
UART#_RTS
O
1
Request To Send - Only used with port 0
UART#_CTS
I
1
Clear To Send - Only used with port 0
Table 3-14
HI-SPI Signals
Signal Name
Directio
n
Size
Description
SPI_2_SCLK
O
1
Serial bit-rate Clock
Generated by SPI block from Fabric clock.
SPI_2_TXD
O
1
Transmit Data Signal
Output data from the serial master or serial slave is transmitted on this line.
SPI_2_RXD
I
1
Receive Data Signal
Input data from a serial master or serial slave device is received on this line.
SPI_2_SS#_N
O
2
Slave Select Output
Active Low. Hardware slave select signal. The width of the signal is equal to the number of
slaves present on the serial bus.
SS0 is used for boot device, when configured for HS SPI boot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com