Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 80 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 76Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 77Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 78Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 79Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 80Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 81Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 82Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 83Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 198 page
background image
Clock and Reset
QorIQ LS1024A Data sheet, Rev 0
Freescale Semiconductor
77
Figure 7-4
Reset Timing Diagram
Table 7-2 lists the Reset timing parameters.
7.4.2
Block Resets
Each clock domain has a dedicated reset that is synchronised to it. A global reset control bit shall reset the whole
clock domain, including all branches. For each branch of the clock domain, a configuration bit shall reset that
specific branch.
7.5
Timing Parameters
7.5.1
Input Reference Clocks
Table 7-3 lists the AC timing parameters of SerDes, USB, PHY and PLL reference clock.
If DECT functions are used, an additional DECT reference clock (13.824 MHz) is required. Table 7-4 lists the AC
timing parameters of DECT reference clock.
Table 7-2
Reset Timing Parameters
Symbol
Description
Min
Max
Units
Trst
Reset duration
100
us
Tsrc
Bootstrap configurations setup time
400
ns
Thrc
Bootstrap configurations hold time
0
ns
Table 7-3
AC Timing Parameters - SerDes, USB, PHY and PLL Reference Clock
Symbol
Description
Min
Typ
Max
Units
Clock frequency
Option 1 (Default)
Option 2
48
24
MHz
MHz
Clock duty cycle
40
60
%
Clock accuracy
-50
50
ppm
Thrc
Trst
Tsrc
RESET#
Reset
configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com