Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 3Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 4Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 5Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 6Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 7Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 8Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 9Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 10Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 198 page
background image
QorIQ LS1024A Data sheet, Rev 0
Technical Overview
Freescale Semiconductor
4
–
SerDes #2 — SATA1 or SGMII - selection through bootstrap
•
Silicon Labs Integrated Serial Interface (ISI)— 3-pin interface for reduced cost designs using Silabs SLICs. For
more details, refer to Section 22 “SiLabs Integrated Serial Interface” on page 147.
•
Microsemi ZSI Interface — 4-pin interface for reduced cost designs using Microsemi SLICs. For more details,
refer to Section 21 “Microsemi ZSI Interface” on page 145.
•
Dual Universal Asynchronous Receiver/Transmitter (UART) — With support for RS-232 and flow control.
UART0 is Bluetooth capable with frequency up to 3Mbps. For more details, refer to Section 15 “DUSI
Subsystem” on page 113.
•
Inter-IC Sound (I2S) Interface — Master or slave, with sampling frequency up to 96kHz and 8/16 or 24 bits per
channel. For more details, refer to Section 15 “DUSI Subsystem” on page 113.
•
Joint Test Action Group (JTAG) Interface — The JTAG interface provides access to both Cortex®-A9 cores. It
supports IEEE 1149.1 and boundary scan for manufacturing and test. For more details, refer to Section 24
“Joint Test Action Group (JTAG)” on page 153.
•
Reference Clock — Using a single oscillator/crystal at 48MHz or 24MHz. For more details, refer to Section 7
“Clock and Reset” on page 69.
2.1.2
Functional Blocks
The LS1024A device provides the following functional blocks:
•
Dual Core SMP ARM® Cortex®-A9 — Up to 1.2GHz, with two Neon® floating point DSPs, ARM Trustzone®,
Coresight®, 32kB of I-Cache, 32kB of D-Cache and 256kB of L2 cache. Section 13, Dual Core SMP ARM®
Cortex®-A9
•
Hardware Packet Forwarding Engine also knows as Programmable Packet Forwarding Engine (PPFE) — Fully
programmable engine for protocol handling, QoS, classification, ingress and egress control, and TCP offload.
For more details, refer to Section 17 “PPFE (Ethernet Interface)” on page 123.
•
Deep Packet Inspection (DPI) — High performance DPI engine to allow options such as antivirus, content
blocking, copyright and policy enforcement and application aware QoS. For more details, refer to Section 16
“Deep Packet Inspection” on page 121.
•
Security Engines — NIST- Certified, integrated hardware crypto engine for IPSEC and SSL/TLS offloads.
•
Communication Sub-System (CSS) — DECT digital processor supporting CATiq 2.0, 2.1 and 3.0 and
DECT-ULE for home automation. For more details, refer to Section 18 “DECT Communication Sub-System” on
page 131.
•
Power Management Unit (PMU) — Always-on, low power, programmable controller interruptible by PCIe,
GMAC, PPFE, USB, SATA, UART, GPIO, timer and SLIC. Manages power states, clock domains and DVFS
regulation based on processor load and traffic.Section 30 “Power Management” on page 175.
•
XOR-DMA Controller — Multi-purpose DMA controller. Processes blocks up to 15 blocks of 4kB. For more
details, refer to Section 28 “XOR-DMA Controller” on page 167.
•
AXI / AHB Cross Connect Fabric — Multi-layer, 64-bit bus with support for ARM Trustzone® and multi-master
mode. Section 14, AXI / AHB Cross Connect Fabric.
•
Timer Block — Includes six general purpose interrupt capable timers. Two of the timers connect to I/O pins to
drive an external output or allow an external signal to increment the timer. For more details, refer to Section 10
“Timer” on page 91.
•
Internal Boot ROM (IBR) — 32kB of internal boot ROM with secondary boot from NOR flash, serial flash (SPI),
EEPROM (I2C) or SATA. Section 31.1 “Internal Boot ROM” on page 181
•
One Time Programmable Memory (OTPM) — High reliability, permanent, 8KBits memory for secure key or
certificate storage. Section 11 “One Time Programmable Memory” on page 95.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com