Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 33 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 29Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 30Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 31Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 32Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 33Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 34Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 35Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 36Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 198 page
background image
QorIQ LS1024A Data sheet, Rev 0
Pinout and Signal Summary
Freescale Semiconductor
30
3.2.4
Expansion Bus Signals
Table 3-6 lists the expansion bus signals and their descriptions.
Table 3-6
Expansion Bus Signals
Signal Name
Directio
n
Size
Description
EXP_CLK
O
1
Expansion Clock to the peripheral devices — This clock is generated in the Expansion block
by dividing down the AXI clock by any integer from 3 to 15.
EXP_CS[0:3]
O
4
Programmable active level signals used to enable or disable peripheral devices. Exp_CS0 is
specifically used to select NOR Flash boot memory.
EXP_WE_N /
EXP_RW_N
O
1
Write Enable
Normal Mode: When asserted, indicates a write operation to peripheral.
Strobe Mode: Read/Write Enable signal.
Assertion level of this signal is configurable.
EXP_RE_N /
EXP_STRB_N
O
1
Read Enable
Normal Mode: When asserted, indicates a read operation from peripheral.
Strobe Mode: Command Strobe signal.
Assertion level of this signal is configurable.
EXP_NAND_RE_N
O
1
Read Enable dedicated for NAND flash
When asserted low, indicates a read operation from flash device. Assertion level of this signal
is configurable.
EXP_NAND_WE_N /
EXP_CS4
O
1
Write Enable dedicated for NAND flash
When asserted low, indicates a write operation to the flash device. When NAND flash is not
used, this pin can be used as a chip-select and can be configured to support generic peripheral
device. Assertion level of this signal is configurable.
EXP_DM
O
4
Data Byte Mask
Input data byte to the peripheral device is masked when DM is sampled high during a write
access. One DM pin per data byte.
EXP_RDY
I
1
Peripheral device ready/busy status
When set low indicates that the current transaction is in progress. Set high when the device is
ready for a new transaction. Detection edge of this signal is configurable (high->low) or
(low->high). When detected, causes deassertion of the CS and RE/WE for the current
transaction.
EXP_A
O
26
Expansion Address Bus
Specifies one Memory location along with the DM[1:0] (Byte-Enable) when supported.
EXP_ALE
O
1
Address Latch Enable
The ALE, active high output, controls address latching to the peripheral device when
multiplexed address/data bus mode is used.
EXP_DQ
I/O
8/16
Data bus
Is configured to support 8 or 16 active bits. LSBits bits are always active.
EXP_NAND_CS_N
O
1
NAND Chip Select
Active low CS# enables and disables selection of the targeted NAND flash devices.
EXP_NAND_RDY
I
1
Ready/Busy NAND device status
When high indicates that the device is ready for access. When low indicates no access is
granted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com