| Electronic Components Datasheet Search |
|
LS1024ASE7MLA Datasheet(PDF) 79 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LS1024ASE7MLA Datasheet(HTML) 79 Page - NXP Semiconductors |
|
79 / 198 page ![]() QorIQ LS1024A Data sheet, Rev 0 Clock and Reset Freescale Semiconductor 76 7.4 Reset Functional Description 7.4.1 Global Resets The LS1024A provides the following global resets: • External Hardware Reset Asynchronous active low input that resets the whole device. Once activated, it reaches all flops without any synchronization and triggers a reset sequence that finishes after 140 reference clocks. The clocking logic is taken out of reset first, followed by the core functional blocks, and lastly the CortexA9 processor. The system reset signal RESET_N should remain asserted (low) at least for 10 µs after all power supplies are established and the chosen reference clock is running. • Watchdog Reset When the watchdog timer expires, it resets all the blocks, clock and reset modules, PLLs, and including itself after some synchronization delay in the reset block. It behaves similarly to the external hard reset. In addition to the global watchdog timer, each CPU has an internal watchdog timer that can reset only the corresponding CPU. All watchdog resets can be masked by software. • Global Software Reset The top clock and reset block has a self-clear global software register. It behaves exactly as the external Hardware Reset. • Functional Software Reset Functional Software reset shall reset all functional blocks, that is, all blocks except: PLLs, clock and reset modules, and all debug logic circuitry. This allows for debugging the boot up sequence, by setting up the debug circuitry and then issuing a functional reset to trace the boot up sequence. Two types of functional resets are available: Self-Clear and Static resets. • Debug Reset A static configuration bit in the top level clock and reset shall keep all debug logic circuitry in reset. This includes the CoreSight logic, as well as the ARM debug logic. The ARM debug logic can be put in reset individually by configuration bits within the System cluster clock and reset. By default, all debug reset configuration bits are in the inactive state (no reset). Figure 7-4 shows the Reset timing diagram. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |