Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 39Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 40Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 41Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 42Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 43Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 44Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 45Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 46Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 198 page
background image
QorIQ LS1024A Data sheet, Rev 0
Pinout and Signal Summary
Freescale Semiconductor
40
3.2.19
USB2.0 Interface Signals
Table 3-24 lists the USB2.0 interface signals and their descriptions.
3.2.20
USB3.0 Interface Signals
Table 3-25 lists the USB3.0 interface signals and their descriptions.
Table 3-23
Test and Miscellaneous Signals
Signal Name
Directio
n
Size
Description
RESET_N
I
1
Device input Reset (active low)
RESET_N should remain asserted (low) at least for 10µs after all power supplies are
established and the chosen reference clock is running.
TM_EXT_RESET
O
1
External reset pin, to reset other devices on the board.
GPIO27 used by LS1024A SDK to reset external devices
PLL3_FILTER
I
1
Connect to a ±5% 1800pf capacitor tied to ground.
PS_XI,
PS_XO
I
O
1
Reference Clock In (24/48MHz +/- 50 ppm XTAL or CLK) for SerDes, USB PHYs and
System PLLs
UP_XI,
UP_XO
I
O
1
Reserved
Tie UP_XI to ground. UP_XO should be left opened
CORESIGHT_CLK
O
1
CA9 Trace Clock
CORESIGHT_D#
O
16
CA9 Trace Data out
TM_TESTMODE_N
I
3
Select JTAG and Test mode for scan, boundary scan, and so on. For testmode and JTAG
muxing option see Section 24.3
TM_LEGACY_MODE_
N
I
1
Must be pulled high
FSOURCE_ECID
I/O
1
For programming eFuse on tester. Tie to ground for normal operation.
Bootstrap
I
26
Muxed with EXP_A. For more details about Bootstrap, refer to “Internal Boot ROM” on
page 181.
Table 3-24
USB2.0 Interface Signals
Signal Name
Directio
n
Size
Description
USB0_DP
I/O
1
Positive channel that is connected to the serial USB cable. 3.3V analog signal
USB0_DM
I/O
1
Negative channel that is connected to the serial USB cable. 3.3V analog signal
USB0_VBUS
I
1
Used for monitoring the USB interface VBUS voltage and the detection of over-current
conditions. When using voltage monitors within the USB2.0(3.0)PHY, this pin is connected
to the +5V Vbus signal. A low on Vbus would indicate an over current condition to the
LS1024A. If external over-current monitoring techniques provided by USB hubs or similar
devices are used, this pin may be tied to 3.3V.
USB0_REXT
I/O
1
External resistor connection for current reference.
Resistor Value: 44.2 ohms 1%
USB0_ATEST
I/O
1
Analog test pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com