Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 70 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 66Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 67Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 68Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 69Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 70Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 71Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 72Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 73Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 198 page
background image
General Purpose Input Output
QorIQ LS1024A Data sheet, Rev 0
Freescale Semiconductor
67
6
General Purpose Input Output
This section describes the LS1024A GPIO features, capabilities and timing parameters.
6.1
Introduction
The LS1024A device provides up to 64 General Purpose Input Output (GPIO) signals. Of those 64, 8 can be
programmed to create interrupts on rising, falling or both edges of input signals. The interface signals are also level
sensitive and can generate an interrupt as long as the input is high. The GPIO block holds the configuration
registers for the GPIO lines as well as configuration registers for other blocks and input signals.
6.2
Features and Functions
The GPIO interfaces directly to the internal APB bus, which can be accessed by all the CPUs. GPIO interface
provides the following features:
•
16 (GPIO[15:0]) dedicated general purpose I/O interface signals for specific control, monitoring signaling
purpose.
•
GPIO[7:0] can be programmed to create interrupts with rising or falling edges or can be level (high) sensitive
•
Additional 48 (GPIO[63:16]) GPIOs are muxed with other functional pins and can only be used in case the
other functionality is not used. Muxing selection is in most of the cases per pin. See Table 3-2, Muxing Table.
•
At least 16 GPIO pins are capable of driving 10mA of current, which is sufficient for direct LED control.
6.2.1
GPIO Function and Pin Select
There are 64 GPIO signals. Each GPIO has an associated enable bit in the GPIO output enable register. Writing a
'1' to the output enable bit will configure the GPIO to be an output. Writing a '0' will configure the GPIO to be read
only. GPIO inputs are read via the GPIO input status register.
GPIO pin select registers are used to choose between GPIO and alternate functionality. Pad configuration registers
are provided to control slew rates, Schmitt triggers inputs, pull up/down I/O and drive strength.
6.2.2
GPIO Interrupt (0x4, 0x8)
GPIO[7:0] input signals can be programmed to generate 8 interrupts to CPU by setting the corresponding GPIO
rising or falling edge interrupt enable register bits. At the chip level the interrupts are provided to A9 IRQ and to
PMU IRQ (which is in GPIO and is connected to Util-PE and CSS blocks).
In order to use this logic:
•
Set the GPIO signal(s) that should be used as interrupts as input (via output enable register).
•
Choose the appropriate triggering for the "Interrupt configuration" registers.
•
Interrupt signals are generated based on transition/value of input GPIO signals.
6.2.3
GPIO Timing Diagram
Figure 6-1 illustrates the GPIO timing waveform. Table 6-1 lists the GPIO timing parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com