Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 2Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 3Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 4Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 5Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 6Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 7Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 8Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 9Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 198 page
background image
Technical Overview
QorIQ LS1024A Data sheet, Rev 0
Freescale Semiconductor
3
2
Technical Overview
This section gives an overview of LS1024A device hardware interfaces, functional blocks, and software interfaces.
2.1
External Interfaces and Functional Blocks
2.1.1
External Interfaces
The LS1024A device provides the following external interfaces:
•
DDR3 Controller — 16/32-bit DDR3 memory interface up to 533MHz (DDR3-1066) with optional ECC support.
For more details, refer to Section 5 “DDR3 Controller” on page 61.
•
Peripheral Component Interconnect Express (PCIe) Controller — The LS1024A device includes two
single-lane PCIe interfaces conforming to the PCI Express Base Specification, Revision 2.1 and support Gen1
(2.5Gbps) and Gen2 (5Gbps) link rates. For more details, refer to Section 12 “PCI Express Interface” on
page 99.
•
Universal Serial Bus (USB) 2.0 Interface — USB high speed (480Mbps) controller and PHY with backward
compatibility to USB 1.1. For more details. refer to Section 26 “USB 2.0 Interface” on page 159.
•
Universal Serial Bus (USB) 3.0 Interface — USB super speed controller and PHY with dual-bus architecture to
support concurrent USB2.0 (high speed, low speed and full speed) and USB3.0 (SuperSpeed) operations. For
more details, refer to Section 27 “USB 3.0 Interface” on page 163.
•
Serial Advanced Technology Attachment (SATA Controller) — Two (2) 3-Gbps SATA-2 interfaces. For more
details, refer to Section 23 “SATA Interface” on page 149.
•
Time-Division Multiplexing (TDM) Bus — Full duplex serial TDM bus supporting up to 128 time slots at
8.192MHz. For more details, refer to Section 20 “TDM Bus Interface” on page 137.
•
Expansion Bus — Provides address, data, and control lines for connection to system peripheral devices. The
Expansion Bus provides chip selects for system peripheral devices such as Flash memory, Boot ROM, and so
on. The expansion bus supports 5 chip-selects: one for NAND and four for general purpose. For more details,
refer to Section 4 “Expansion Bus Interface” on page 45.
•
Inter-IC (I2C) Bus — Supporting master, slave or multi-master modes. The I2C bus can be used for booting. For
more details. refer to Section 25 “Inter-IC Interface” on page 155.
•
High-Speed Serial Peripheral Interface (HS-SPI) — Up to 50MHz, with 2 slave select. For more details, refer to
Section 15 “DUSI Subsystem” on page 113.
•
Low Speed Serial Peripheral Interface (LS-SPI) — Up to 16MHz, with 3 slave select. The LS-SPI interface can
be used for booting. For more details, refer to Section 9 “Low Speed SPI” on page 85.
•
General Purpose Input Output (GPIO) Interface — Up to 64 GPIOs. Eight (8) of the GPIOS can be configured
to receive interrupts. Six (6) of the GPIOs can be pulse-width modulated. For more details, refer to Section 6
“General Purpose Input Output” on page 67.
•
SerDes — Three programmable SerDes interfaces up to 5 Gbps.
–
SerDes #0 — PCIe0
–
SerDes #1 — PCIe1 or SATA0 - selection through bootstrap
CAUTION:
Freescale provides schematic and layout review. However, Freescale highly
recommends customers to submit their designs to Freescale for a complete
confidential review.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com