Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 44 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 40Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 41Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 42Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 43Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 44Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 45Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 46Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 47Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 198 page
background image
Pinout and Signal Summary
QorIQ LS1024A Data sheet, Rev 0
Freescale Semiconductor
41
3.2.21
Microsemi ZSI Interface Signals
ZSI is muxed with TDM. Table 3-26 lists the ZSI signals and their descriptions.
3.3
Unused Interfaces
This section indicates how signals should be terminated in case an interface is not used.
•
CRYSTAL/OSC Pads
–
If not used, tie _XI pin to ground and leave _XO open.
–
If input clock is selected, connect clock to _XI and leave _XO open.
•
DDR Interface
–
Unused byte(s): Functional signals should be left unconnected.
–
DDR ECC: Unused ECC interface should be left unconnected
Table 3-25
USB3.0 Interface Signals
Signal Name
Directio
n
Size
Description
USB1_DP,
USB1_DM
I/O
2
Bi-directional differential pin carries USB2.0 data to and from the USB 3.0 PHY. In HS
operation, this pin receives/transmits a maximum of 800 mV or 400 mV nominally. In FS or
LS operation, this pin receives/transmits 3.3 V nominally.
USB1_RX_P,
USB1_RX_M
I
2
High-Speed Differential Receive Pair
USB1_TX_P,
USB1_TX_M
O
2
High-Speed Differential Transmit Pair
USB1_RESREF
I/O
1
Reference Resistor Connection
Attach a 200 ohm 1% 100-ppm/C precision resistor-to-ground on the board.
USB1_REF_CLK_P,
USB1_REF_CLK_M
I
2
Low-Swing Differential Input Clock Pair
Note: Optional clock source
USB1_VBUS
I/O
1
Used for monitoring the USB interface VBUS voltage and the detection of over-current
conditions. When using voltage monitors within the USB2.0(3.0)PHY, this pin is connected
to the +5 V Vbus signal. A low on Vbus would indicate an over current condition to the
LS1024A. If external over-current monitoring techniques provided by USB hubs or similar
devices are used, this pin may be tied to 3.3 V.
USB1_ID
I/O
1
Reserved. Should be left open.
Table 3-26
ZSI Signals
Signal Name
Directio
n
Size
Description
ZSI_ZCLK
O
1
Output clock to ZSI supported device (such as the Le88536) 1.024 KHz-8.192 MHz
ZSI_ZSYNC
O
1
Output interface synchronization signal to ZSI Device
ZSI_ZMOSI
O
1
Output voice and control data to ZSI Device
ZSI_ZMISO
I
1
Input voice and control data from ZSI Device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com