Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 17Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 18Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 19Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 20Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 21Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 22Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 23Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 24Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 198 page
background image
QorIQ LS1024A Data sheet, Rev 0
Pinout and Signal Summary
Freescale Semiconductor
18
T13
VDD_A9
T14
VSS_RING
T15
VDD_A9
T16
VSS_RING
T17
DDR_VDDQ
T18
CORESIGHT_D4
0
LVCMOS
3.3 V
28 mA
T19
CORESIGHT_D5
0
LVCMOS
3.3 V
28 mA
T20
DDR_VREF_RING
I
T21
VSS_RING
T22
DDR_VDDQ
T23
VSS_RING
T24
DDR_VDDQ
T25
DDR_DATA_7
I/O
SSTL
U1
GEM1_RXD_1
I
3.3 V
17 mA
U2
GEM1_RXD_0
I
3.3 V
17 mA
U3
GEM1_TXC
O
3.3 V
17 mA
U4
GEM1_TX_CTL
O
3.3 V
17 mA
U5
GEM1_TXD_3
O
3.3 V
17 mA
U6
VSS_RING
U7
VSS_RING
U8
GEM2_DVDD
U9
VSS_RING
U10
VSS_RING
U11
VSS_RING
U12
CORE_VDD_RING
U13
VDD_A9
U14
VSS_RING
U15
VDD_A9
U16
VSS_RING
U17
DDR_VDDQ
U18
CORE_VDD_RING
U19
CORE_VDD_RING
U20
DDR_VDDQ
U21
DDR_DQS_N_0
I/O
SSTL
U22
DDR_DATA_1
I/O
SSTL
U23
DDR_DATA_5
I/O
SSTL
Table 3-1
LS1024A Pinout List (continued)
Location
Signal Symbol
Direction
Type
Tolerant
PU/PD
Strength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com