Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 97 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 93Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 94Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 95Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 96Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 97Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 98Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 99Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 100Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 198 page
background image
QorIQ LS1024A Data sheet, Rev 0
Timer
Freescale Semiconductor
94
When TIM_EVNT0 or TIM_EVNT1 is configured as input and the timer block is configured to count the changes on
these pins, the input first goes through two rising edge flip-flops for synchronization purpose and then it goes
through an edge detection circuit. The output of the edge detection circuit increments the timer. An example of
counting TIM_EVNT0 rising edge is shown in Figure 10-2.
Figure 10-2
TIM_EVNT0 as Input
When TIM_EVNT0 or TIM_EVNT1 is configured as output, it toggles when the corresponding timer reaches its
high bound value. An example of driving TIM_EVNT0 is shown in Figure 10-3.
Figure 10-3
TIM_EVNT0 as Output
Table 10-2
Counting / Driving TIM_EVNT1
Pin
Chain-mode
Non chain-mode
TIM_EVNT1 is input and is not ignored in
the timer block
Timer4 counts rising or falling edge on
TIM_EVNT1. Timer 5 is clocked by
Timer4’s timeout
Timer4 counts rising or falling edge on TIM_EVNT1.
Timer5 is clocked by HCLK.
TIM_EVNT1 is output
Timer5 is clocked by Timer4’s timeout.
TIM_EVNT1 is toggled by timer5’s
timeout.
Timer5 is clocked by HCLK. TIM_EVNT1 is toggled
by Timer5’s timeout. Timer4 counts with HCLK and
does not affect TIM_EVNT1.
NOTE:
In order for the timer to catch the rising or falling edge on TIM_EVNT0 or
TIM_EVNT1, TIM_EVNT0 or TIM_EVNT1 has to stay high or low for at least 1
HCLK cycle plus 3 ns.
HCL
TIMER3
TIMER3 TIMEOUT
TIM_EVNT0_OUT
0
1
2
0
1
2
high bound
high bound



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com