Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 72 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 68Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 69Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 70Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 71Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 72Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 73Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 74Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 75Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 198 page
background image
Clock and Reset
QorIQ LS1024A Data sheet, Rev 0
Freescale Semiconductor
69
7
Clock and Reset
This section describes the LS1024A clock and reset details.
7.1
Clock Features
The clock features are as follows:
•
Four PLLs are available: PLLs 0,1 and 2 have 2 GHz VCO, while PLL3 has a 1.2 HGz VCO with dithering
function.
•
Two Numerically Controlled Oscillators are available to generate fractional clocks for network timing, like TDM,
ZDS and MSIF interface output clocks, and GEMAC Time Stamp Unit internal clock.
•
Generation of 125 MHz RGMII TX clock outputs, and three reference clock outputs for external PHYs/switches
with programmable rates. If intending to use these clocks with an external switch/PHY, please discuss with
Freescale technical support.
•
Generation of differential reference clock outputs, derived from PCIe reference clock input, PCIe pipe clock, or
internal PLL.
•
PCIe 100 MHz SSC reference clock output provided for each PCIe SerDes.
•
Support for DDR clock dithering when DDR DFI clock is generated from PLL3. In this mode, PLL3 should not
be used for generation of internal system clocks.
•I2C, SPI, I2S, UART Baud rate, and Expansion bus interface clock outputs are derived from internal AXI fabric
clock.
•
Generated clocks for Cortex®-A9, L2cc, PPFE, AXI, DDR support both synchronous or asynchronous
relationships.
•
Generation of asynchronous clocks for DECT, Crypto engine and CoreSight.
•
All generated clocks have programmable rate, divided down from any of the internal PLLs. Clocks can be
sourced from the same PLL for synchronous relationship, or from different PLLs if clock decoupling is desired.
PLL0 is the PLL used for synchronous operation mode.
•
Several options for dynamic clock rate changes. PLL0 and PLL1 have clock dividers at their outputs for on
the-fly global clock rate reduction of all clocks sourced from them. Switching clock sources from one PLL to
another can be done quickly and is glitch-free.
•
All generated clocks are active during reset running at the reference clock frequency. After reset, clocks can be
shut down or stay active based on their enable bits default values.
•
Internally generated TDM clock is bypassed in reset by refclk divided down to the 1.56 MHz range to avoid
interface over clocking. The divide ratio is automatically adjusted based on the reference clock rate selected
option. Switching between the divided reference clock and generated TDM clock is done through glitch-less
configuration. The divider is not reset by Hardware Reset.
•
50% duty cycle is targeted for all clocks
•
All clocks can have the ability to individually shut down, which reduces power consumption when any of them
are disabled.
•
Several options for the system PLLs and SerDes reference clocks: dedicated, shared or differential. This
lowers the board cost and provides more flexibility for the board design based on the target application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com