Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 41 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 37Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 38Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 39Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 40Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 41Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 42Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 43Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 44Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 198 page
background image
QorIQ LS1024A Data sheet, Rev 0
Pinout and Signal Summary
Freescale Semiconductor
38
3.2.13
RGMII Mode
Table 3-18 lists the RGMII signals and their descriptions.
3.2.14
GEM Interface
Table 3-18 lists the Management interface signal description.
3.2.15
CSS Signals
Table 3-19 lists the CSS signals and their descriptions.
Table 3-20 lists the CSS signals muxed with GEM2.
RMII_CRS_DV
I
1
Carrier Sense / Receive Data Valid—Asserted by the PHY when the medium is non-idle.
Data on RXD is considered valid when CRS_DV is asserted. During a false carrier event,
CRS_DV shall remain asserted for the duration of the carrier activity. Not synchronous to
REFCLK.
RMII_RX_ER
I
1
Receive Error Detected—High for one or more REFCLK cycles to indicate that an error was
detected somewhere in the frame presently being transferred. Synchronous to REFCLK.
RMII_RXD[1:0]
I
2
Receive data—RXD1 is the most significant. Synchronous to REFCLK.
Table 3-18
Management Interface Signals
Signal Name
Directio
n
Size
Description
GEM_MDC
O
1
Serial Management Interface Clock—3.3V signal.
GEM_MDIO
I/O
1
Serial Management Interface Data—Transfers data in and out of the device synchronously to
MDC. 3.3V signal
Table 3-19
CSS Signals
Signal Name
Directio
n
Size
Description
DECT_XI,
DECT_XO
I
O
1
Reference Clock In (13.824MHz XTAL).
DECT_BCLK
O
1
Reference clock for external RF device.
DECT_RSTN
O
1
Reset signal for RF (Resets its SPI registers to their default values).
DECT_SCLK
O
1
Serial Clock. This pin provides the serial data clock function for the 3-line serial data bus.
Data is clocked into the RFIC on negative edge transitions. The nominal serial clock rate is
13.824MHz.
Table 3-17
RMII Signals (continued)
Signal Name
Directio
n
Size
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com