Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 83 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 79Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 80Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 81Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 82Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 83Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 84Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 85Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 86Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 198 page
background image
QorIQ LS1024A Data sheet, Rev 0
Clock and Reset
Freescale Semiconductor
80
CL (farads) (Load Capacitor)
14 p
14 p
14 p
14 p
Accuracy
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 10 ppm
Note:
1.
The values of Rfb, Rs, and CL may be further refined to meet the frequency requirements of the system.
2.
Regulation agencies may require +/-5ppm accuracy for DECT certification.
Table 7-8
Approximate System Values for Crystal Circuits (continued)
Parameter
Reference Clock
RTC
DECT
24 MHz
48 MHz
32.768 KHz
13.824 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com