| Electronic Components Datasheet Search |
|
LS1024ASE7MLA Datasheet(PDF) 53 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LS1024ASE7MLA Datasheet(HTML) 53 Page - NXP Semiconductors |
|
53 / 198 page ![]() QorIQ LS1024A Data sheet, Rev 0 Expansion Bus Interface Freescale Semiconductor 50 Figure 4-3 Normal Mode Timing Diagram (RDY_EN = 1) In the above timing diagram, when a read access is performed, only RE signal is toggled and when a write command is performed, only WE command is toggled, not both. 4.4.2.2 ALE Mode This mode is supported by all chip selects, and is set by programming the following configuration bits: •ALE_MODE = 1 •STRB_MODE = 0 • NAND_MODE = 0 (CS4 is used) ALE Mode is supported by chip selects 0-3 by setting ALE_MODE bit to 1. Also, chip select 4 supports this mode when ALE_MODE is set to 1 and NAND_MODE is set to 0. In this mode, the data bus is used to transfer both the valid address and valid data, Active high EXP_ALE is used by the peripheral device to latch the valid address. The valid address should be stable for the configured address hold time before placing valid data on the bus in case of writes. Read data is latched by the Expansion controller upon deassertion of the EXP_RE signal or EXP_CS, whichever comes first. Valid address is also driven on the address bus to provide support for devices that may require it. NOTE: Depending on the synchronization timing of the assertion of the EXP_RDY signal, it is possible that the termination of CS/RE/WE occurs at the same cycle in which EXP_RDY was asserted. NOTE: For more details about ALE mode signals, refer to “ALE Mode Signals” on page 31. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |