Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 62 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 58Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 59Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 60Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 61Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 62Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 63Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 64Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 65Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 198 page
background image
Expansion Bus Interface
QorIQ LS1024A Data sheet, Rev 0
Freescale Semiconductor
59
Table 4-2 lists the Expansion Bus timing parameters.
4.5
Bootstrap Synchronization
The device supports 26 input bootstrap pins. During reset EXP_A[25:0] are not driven by LS1024A and they can be
set to any configured value through external pull-ups or internal pull-downs. Note that, as listed above, these I/O
pads have internal pull-down resistors so an external pull-up is required only if the default value made by the
internal pull-down is not the desired one. See Section 31, Hardware Initialization for more detail.
Following reset, the device drives these pins to support Expansion Bus access. The previous latched value is
already stored in a software accessible register from which the value can be read but not changed.
Table 4-2
Expansion Bus Timing Parameters
Symbol
Parameter
Min.
Max.
Units
Notes
EXP_CLK (Frequency)
23.6
66
MHz
EXP_CLK Duty cycle
40
60
%
Tod
Expansion Outputs relative the rising edge of the EXP_CLK
(Output Delay Time)
valid to valid
tri-state to valid
valid to tri-state
0
0
0
6
6
10
ns
ns
ns
(1)
(1)
(1)
Tz
Expansion Outputs Valid to tri-state
Tis
Expansion Inputs Setup Time for read data with respect to the rising
edge (When Trdy is not used)
1Cycle
(2)
Tih
Expansion Inputs Hold Time for read data with respect to the rising
edge (When Trdy is not used)
0ns
(3)
Trdy
Ready Input required pulse width
10
ns
(4)
Tvd
Expected valid data after the rising/falling edge of the RDY Pulse.
Since the active low RDY edge detection is configurable.
0ns
(5)
NOTES:
1)
Test Load 50pF.
2)
Tis (min) value should be configured to be at least 1 EXP_CLK cycle.
3)
Tih timing is relevant to the cycle in which CS and/or RE is deasserted.
4)
RDY is sampled and synchronized by HCLK.
5)
Due to RDY synchronization logic before valid input data latching.
NOTE:
For details about Expansion Bus signals, refer to “Expansion Bus Signals” on
page 30.
NOTE:
In case PS_XI/XO is the selected clock source then for proper operation this
bootstrap should be set to same value as “SerDes OSC PAD” bootstrap (bit [7])"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com