| Electronic Components Datasheet Search |
|
LS1024ASE7MLA Datasheet(PDF) 91 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LS1024ASE7MLA Datasheet(HTML) 91 Page - NXP Semiconductors |
|
91 / 198 page ![]() QorIQ LS1024A Data sheet, Rev 0 Low Speed SPI Freescale Semiconductor 88 Figure 9-3 SPI Serial Format (SCPH = 0) As data transmission starts on the falling edge of the slave select signal when SCPH = 0, continuous data transfers require the slave select signal to toggle before beginning the next data frame. This is illustrated in Figure 9-4. Figure 9-4 SPI Serial Format Continuous Transfers (SCPH = 0) When SCPH = 1, both master and slave peripherals begin transmitting data on the first serial clock edge after the slave select line is activated. The first data bit is captured on the second serial clock edge. During continuous data frame transfers, the slave select line may be held active low until the last bit of the last frame has been captured. Figure 9-5 shows the timing diagram for the SPI format when SCPH = 1. Figure 9-5 SPI Serial Format (SCPH = 1) Continuous data frames are transferred in the same as single frames, with the MSB of the next frame following directly after the least significant bit (LSB) of the current frame. The slave-select signal is held active for the duration of the transfer. Figure 9-6 shows the timing diagram for continuous SPI transfers when SCPH=1. sclk_out 0 sclk_out 1 txd rxd ss_n MSB LSB MSB LSB 4-16 bits LSB LSB MSB MSB sclk_out 0 sclk_out 1 txd/rxd ss_n MSB MSB LSB LSB sclk_out 0 sclk_out 1 txd rxd ss_n 4-16 bits |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |