Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 8Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 9Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 10Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 11Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 12Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 13Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 14Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 15Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 198 page
background image
Pinout and Signal Summary
QorIQ LS1024A Data sheet, Rev 0
Freescale Semiconductor
9
C14
VSS_RING
C15
DDR_VDDQZQ
C16
DDR_ECC_DATA_5
I/O
SSTL
C17
DDR_ECC_DM
O
SSTL
C18
VSS_RING
C19
DDR_DATA_29
I/O
SSTL
C20
DDR_DM_3
O
SSTL
C21
VSS_RING
C22
DDR_DATA_19
I/O
SSTL
C23
DDR_DATA_20
I/O
SSTL
C24
DDR_BA_2
O
SSTL
C25
DDR_BA_1
O
SSTL
D1
S0_TXM
O
ANLG
D2
S0_TXP
O
ANLG
D3
VSS_RING
D4
GPIO07
I/O
LVCMOS
5 V
PU
10 mA
D5
SPI_2_RXD
I
LVCMOS
3.3 V
PD
D6
SPI_2_SCLK
O
LVCMOS
3.3 V
11 mA
D7
TM_TESTMODE_N_0
I
LVCMOS
3.3 V
PU
D8
PLL3_FILTER
I
ANLG
3.3 V
D9
USB0_VBUS
I
ANLG
5 V
D10
UP_XO
O
OSCL
3.3 V
D11
VSS_RING
D12
USB1_REF_CLK_M
I
ANLG
D13
USB1_REF_CLK_P
I
ANLG
D14
USB1_VBUS
I/O
ANLG
5 V
D15
DDR_VSSQZQ
D16
DDR_ECC_DATA_1
I/O
SSTL
D17
DDR_ECC_DATA_0
I/O
SSTL
D18
DDR_VDDQ
D19
DDR_DATA_25
I/O
SSTL
D20
DDR_DATA_24
I/O
SSTL
D21
DDR_VDDQ
D22
DDR_DATA_17
I/O
SSTL
D23
DDR_DATA_23
I/O
SSTL
D24
DDR_A_11
O
SSTL
Table 3-1
LS1024A Pinout List (continued)
Location
Signal Symbol
Direction
Type
Tolerant
PU/PD
Strength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com