Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 60Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 61Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 62Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 63Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 64Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 65Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 66Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 67Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 198 page
background image
DDR3 Controller
QorIQ LS1024A Data sheet, Rev 0
Freescale Semiconductor
61
5
DDR3 Controller
This section describes the LS1024A DDR3 SDRAM controller.
5.1
Introduction
The LS1024A provides 16/32-bit DDR3 memory interfaces with optional ECC support. The Memory Controller is
programmable for DDR3 SDRAM timing parameters and memory size. The DDR3 controller allows data flow
through 4 AXI fabric ports to and from external DDR3 SDRAM memory in burst mode.
5.2
DDR3 Controller Features
The DDR3 interface provides the following features:
•
DDR3 support
•
Up to 533 MHz (DDR3-1066) with optional clock dithering function
•
16/32-bit support (selection by software)
•
Four 64-bit AXI ports
•
Address bus supports up to 2G Byte of memory
•Two memory ranks
•
15 address bits (16 in case one rank is used)
•
Configurable termination options
•
ECC is supported (enabled by configuration)
•
256 Mb to 4 Gb devices with x8/x16 data ports
•
Coherency between transactions over different ports of the controller is guaranteed
•
Supports low power option including power down and self refresh
•
Configurable drive strengths
5.3
Supported Memory Configurations
Table 5-1 lists the supported memory configurations. A maximum of 6 devices are supported.
Table 5-1
Supported Memory Configurations
Address Space
1 Memory Rank
2 Memory Ranks
32-bit Bus Mode
16-bit Bus Mode
32-bit Bus Mode
16-bit Bus Mode
32 MB
N/A
1 * (256 Mb, x16)
1 * (256 Mb, x8) for ECC
N/A
N/A
64 MB
2 * (256 Mb, x16)
1 * (256 Mb, x8) for ECC
1 * (512 Mb, x16)
1 * (256 Mb, x8) for ECC
N/A
2 * (256 Mb, x16)
2 * (256 Mb, x8) for ECC
2 * (256 Mb, x8)
1 * (256 Mb, x8) for ECC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com