Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 45 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 41Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 42Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 43Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 44Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 45Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 46Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 47Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 48Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 198 page
background image
QorIQ LS1024A Data sheet, Rev 0
Pinout and Signal Summary
Freescale Semiconductor
42
–
DDR PHY
•
Unused address/control signals should be left unconnected.
•
If DDR_CLK/DDR_CLK_N[1] is not used they should be left unconnected.
•
EXP Interface: Unused signals can be left unconnected
–
EXP_CLK: If not used, it can be left unconnected. There is an option to power EXP_CLK down (software
configuration in EXP block) and to tri-state it (software configuration using "Misc Control" register in GPIO
block - offset 0x34 bit 13).
•
CoreSight, I2C, SPI, UART, GPIO, JTAG: Unused interfaces/signals can be left unconnected.
•
TM_EXT_RESET: It can be left unconnected.
•TDM
–
If the TDM interface is not used, all the signals can be left unconnected and the block should not be taken
out of reset (software configuration).
•
RTC Interface
–
OSC Pad: tie _XI pin to ground and leave _XO open.
–
RTC_VDD: If the Real Time Clock (RTC) interface is not used, tie RTC_VDD to 3.3 V. However, if the RTC
interface is used, RTC_VDD should not be left unconnected. The board design should include logic to
provide 3.3 V to the RTC_VDD pin in the event an RTC battery is missing or discharged.
•GEM
–
GEM#_REFCLK can be left unconnected. There is an option to tri-state each one of them (software
configuration using "Misc Control" register in GPIO block - offset 0x34 bits 16:14).
–
GEM#: If the entire port is not used, all signals can be left open. Since GEMAC block cannot be kept in
reset, either tie GEM#_RXC to ground or enable the pull-down in its IO pad (software configuration).
•
GEM0: Set bit 20 "Pad Config 3" register in GPIO (offset 0x10C) to 1.
•
GEM1: Set bit 20 "Pad Config 4" register in GPIO (offset 0x110) to 1.
•
GEM2: Set bit 20 "Pad Config 5" register in GPIO (offset 0x114) to 1.
–
GEM2 signals when operating in I2S or CSS mode may be left unconnected. If I2S or CSS is not used, the
GEM2 block should be kept in reset (software configuration).
•SerDes
–
External clocks (S#_REFCLKP, S#_REFCLKM) can be floated when the SerDes's internal reference clock
option is used.
–
If SerDes# is not being used, power up all supplies to their respective power rails. The SerDes should be
kept in reset (software configuration). All unused IO pins can be left unconnected.
•
USB2 PHY
–
If USB2.0 PHY is not used, power up all supplies to their respective power rails and set SUSPENDM input
to 1'b0 (software configuration). All unused IO pins can be left unconnected.
•
USB3 PHY
–
The external reference clock inputs are differential. If the reference clock requirements with a single
end-end input clock are met, tie the unused reference to input low or high; do not leave it unconnected.
–
If the internal reference clock is used (by deasserting ref_use_pad), tie both the USB1_REF_CLK_P and
USB1_REF_CLK_M clock pins to ground.
–
When the USB3.0 PHY is not used, power up all supplies to their respective power rails and assert the
test_powerdown_ssp and test_powerdown_hsp signals to place the PHY in its lowest power state
(software configuration). All unused IO pins can be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com