Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 28Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 29Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 30Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 31Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 32Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 33Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 34Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 35Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 198 page
background image
Pinout and Signal Summary
QorIQ LS1024A Data sheet, Rev 0
Freescale Semiconductor
29
3.2.2
Low Speed SPI Signals
Table 3-4 lists the LS-SPI signals and their descriptions.
3.2.3
Timer Signals
Table 3-5 lists the Timer signals and their descriptions.
S#_ATEST
O
1
Analog DC test pad.
Leave unconnected.
S#_CK_100P
S#_CK_100M
O
2
100 MHz reference clock. The reference clock outputs may be used as a differential pair
clock signals.
Note: Only valid for SERDES 0 and 1.
Note: The value of “#” for PCIe = “0” or “1” and the value of “#” for SATA = “1” or “2”.
Table 3-4
LS-SPI Signals
Signal Name
Directio
n
Size
Description
SPI_SCLK
O
1
Serial bit-rate Clock.
Generated by SPI block from Fabric clock.
SPI_TXD
O
1
Transmit Data Signal.
Output data from the serial master or serial slave is transmitted on this line.
SPI_RXD
I
1
Receive Data Signal.
Input data from a serial master or serial slave device is received on this line.
SPI_SS#_N
O
4
Slave Select Output.
Active Low. Hardware slave select signal. Four slave select output signals are provided.
SS0 is used for boot device, when configured for LS SPI boot.
Table 3-5
Timer Signals
Signal Name
Directio
n
Size
Description
TIM_EVNT
I/O
2
External Timer event (muxed with GPIO14 and GPIO15.)
These pins can be independently configured as output, to generate an external clock by the
timer, or as input, to count external events (edges).
TIM_PWM
O
6
Pulse Width Modulation signals (muxed with GPIO12 and GPIO13.)
Table 3-3
SerDes Signals (continued)
Signal Name
Directio
n
Size
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com