| Electronic Components Datasheet Search |
|
LS1024ASE7MLA Datasheet(PDF) 65 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LS1024ASE7MLA Datasheet(HTML) 65 Page - NXP Semiconductors |
|
65 / 198 page ![]() QorIQ LS1024A Data sheet, Rev 0 DDR3 Controller Freescale Semiconductor 62 5.4 Functional Description The DDR3 Memory Controller is a high performance component capable of operating DDR3 SDRAMs with data rates up to 1066 Mb/s for DDR3. The multi-port memory controller accepts memory access requests from up to 4 application-side AXI ports. It includes software configuration registers that are accessible through an AHB configuration port. 128 MB 2 * (512 Mb, x16) 1 * (256 Mb, x8) for ECC 1 * (1 Gb, x16) 1 * (512 Mb, x8) for ECC 4 * (256 Mb, x16) 2 * (256Mb, x8) for ECC 2 * (512 Mb, x16) 2 * (256 Mb, x8) for ECC 4 * (256 Mb, x8) 1 * (256 Mb, x8) for ECC 2 * (512 Mb, x8) 1 * (512 Mb, x8) for ECC 4 * (256 Mb, x8) 2 * (256 Mb, x8) for ECC 256 MB 2 * (1 Gb, x16) 1 * (512 Mb, x8) for ECC 1 * (2 Gb, x16) 1 * (1 Gb, x8) for ECC 4 * (512 Mb, x16) 2 * (256 Mb, x8) for ECC 2 * (1 Gb, x16) 2 * (512 Mb, x8) for ECC 4 * (512 Mb, x8) 1 * (512 Mb, x8) for ECC 2 * (1 Gb, x8) 1 * (1 Gb, x8) for ECC 4 * (512 Mb, x8) 2 * (512 Mb, x8) for ECC 512 MB 2 * (2 Gb, x16) 1 * (1 Gb, x8) for ECC 1 * (4 Gb, x16) 1 * (2 Gb, x8) for ECC 4 * (1 Gb, x16) 2 * (512 Mb, x8) for ECC 2 * (2 Gb, x16) 2 * (1 Gb, x8) for ECC 4 * (1 Gb, x8) 1 * (1 Gb, x8) for ECC 2 * (2 Gb, x8) 1 * (2 Gb, x8) for ECC 4 * (1 Gb, x8) 2 * (1 Gb, x8) for ECC 1 GB 2 * (4 Gb, x16) 1 * (2 Gb, x8) for ECC 2 * (4 Gb, x8) 1 * (4 Gb, x8) for ECC 4 * (2 Gb, x16) 2 * (1 Gb, x8) for ECC 2 * (4 Gb, x16) 2 * (2 Gb, x8) for ECC 4 * (2 Gb, x8) 1 * (2 Gb, x8) for ECC 4 * (2 Gb, x8) 2 * (2 Gb, x8) for ECC 2 GB 4 * (4 Gb, x8) 1 * (4 Gb, x8) for ECC N/A 4 * (4 Gb, x16) 2 * (2 Gb, x8) for ECC N/A Table 5-1 Supported Memory Configurations (continued) Address Space 1 Memory Rank 2 Memory Ranks 32-bit Bus Mode 16-bit Bus Mode 32-bit Bus Mode 16-bit Bus Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |