Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 12Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 13Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 14Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 15Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 16Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 17Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 18Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 19Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 198 page
background image
Pinout and Signal Summary
QorIQ LS1024A Data sheet, Rev 0
Freescale Semiconductor
13
J8
PLL2_AVDD
J9
IO_VDD_RING
J10
CORE_VDD_RING
J11
VP
J12
USB3_VDD_RING
J13
CORE_VDD_RING
J14
VSS_RING
J15
DDR_VDDQ
J16
VSS_RING
J17
DDR_VDDQ
J18
CORESIGHT_D15
0
LVCMOS
3.3 V
28 mA
J19
CORESIGHT_D14
0
LVCMOS
3.3 V
28 mA
J20
DDR_VDDQ
J21
VSS_RING
J22
DDR_CS_N_0
O
SSTL
J23
DDR_A_0
O
SSTL
J24
DDR_A_1
O
SSTL
J25
DDR_A_3
O
SSTL
K1
S2_TXM
O
ANLG
K2
S2_TXP
O
ANLG
K3
S2_REFCLKM
I
ANLG
K4
S1_RESREF
I/O
ANLG
K5
VSS_RING
K6
S2_ATEST
O
ANLG
K7
S0_VDDT_0
K8
S0_VDDA
K9
S0_VDDHA
K10
CORE_VDD_RING
K11
VPTX0
K12
DVDD
K13
CORE_VDD_RING
K14
VSS_RING
K15
DDR_VDDQ
K16
VSS_RING
K17
DDR_VDDQ
K18
CORESIGHT_D13
0
LVCMOS
3.3 V
28 mA
Table 3-1
LS1024A Pinout List (continued)
Location
Signal Symbol
Direction
Type
Tolerant
PU/PD
Strength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com