Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 9Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 10Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 11Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 12Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 13Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 14Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 15Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 16Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 198 page
background image
QorIQ LS1024A Data sheet, Rev 0
Pinout and Signal Summary
Freescale Semiconductor
10
D25
DDR_A_14
O
SSTL
E1
S0_REFCLKP
I
ANLG
E2
S0_REFCLKM
I
ANLG
E3
VSS_RING
E4
GPIO06
I/O
LVCMOS
5 V
PU
10 mA
E5
TM_LEGACY_MODE_N
I
LVCMOS
3.3 V
PU
E6
IO_VDD_RING
E7
VSS_RING
E8
VSS_RING
E9
VSS_RING
E10
USB0_VDD33
E11
USB0_ATEST
I/O
ANLG
E12
UPOSC_DVDD
E13
VSS_RING
E14
VSS_RING
E15
VSS_RING
E16
DDR_ECC_DQS_N
I/O
SSTL
E17
DDR_ECC_DQS
I/O
SSTL
E18
VSS_RING
E19
DDR_DQS_N_3
I/O
SSTL
E20
DDR_DQS_3
I/O
SSTL
E21
VSS_RING
E22
DDR_DQS_N_2
I/O
SSTL
E23
DDR_DQS_2
I/O
SSTL
E24
VSS_RING
E25
DDR_A_12
O
SSTL
F1
VSS_RING
F2
VSS_RING
F3
VSS_RING
F4
GPIO14
I/O
LVCMOS
5 V
PU
10 mA
F5
IO_VDD_RING
F6
PCIE1_CLKO
O
LVCMOS
3.3 V
8 mA
F7
PLL0_AVDD
F8
PLL3_AVSS
F9
PLL3_AVDD
F10
USB0_DVDD
Table 3-1
LS1024A Pinout List (continued)
Location
Signal Symbol
Direction
Type
Tolerant
PU/PD
Strength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com