Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS1024ASE7MLA Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LS1024ASE7MLA
Description  QorIQ LS1024A
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1024ASE7MLA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LS1024ASE7MLA Datasheet HTML 7Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 8Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 9Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 10Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 11Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 12Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 13Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 14Page - NXP Semiconductors LS1024ASE7MLA Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 198 page
background image
QorIQ LS1024A Data sheet, Rev 0
Pinout and Signal Summary
Freescale Semiconductor
8
B3
S1_CK_100P
O
1.1 V
B4
S1_CK_100M
O
1.1 V
B5
PS_XO
O
OSCL
3.3 V
B6
SPI_2_SS1_N
O
LVCMOS
3.3 V
11 mA
B7
VSS_RING
B8
TM_TESTMODE_N_1
I
LVCMOS
3.3 V
PU
B9
USB0_DM
I/O
ANLG
B10
USB0_VSSAC
B11
USB1_RX_M
I
B12
VSS_RING
B13
USB1_TX_M
O
B14
USB1_DM
I/O
ANLG
B15
DDR_ZQ
O
SSTL
B16
DDR_ECC_DATA_6
I/O
SSTL
B17
DDR_ECC_DATA_2
I/O
SSTL
B18
DDR_VDDQ
B19
DDR_DATA_30
I/O
SSTL
B20
DDR_DATA_26
I/O
SSTL
B21
DDR_VDDQ
B22
DDR_DATA_18
I/O
SSTL
B23
DDR_DATA_22
I/O
SSTL
B24
DDR_BA_0
O
SSTL
B25
VSS_RING
C1
S0_RXP
I
ANLG
C2
S0_RXM
I
ANLG
C3
VSS_RING
C4
TM_TESTMODE_N_2
I
LVCMOS
3.3 V
PU
C5
GPIO00
I/O
LVCMOS
5 V
PU
10 mA
C6
SPI_2_TXD
O
LVCMOS
3.3 V
11 mA
C7
VSS_RING
C8
VSS_RING
C9
USB0_VDD33
C10
UP_XI
I
OSCL
3.3 V
C11
USB0_REXT
I/O
ANLG
C12
USB1_RESREF
I/O
ANLG
C13
VSS_RING
Table 3-1
LS1024A Pinout List (continued)
Location
Signal Symbol
Direction
Type
Tolerant
PU/PD
Strength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com